Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 33 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 33 Page - Exar Corporation

Back Button SP505 Datasheet HTML 27Page - Exar Corporation SP505 Datasheet HTML 28Page - Exar Corporation SP505 Datasheet HTML 29Page - Exar Corporation SP505 Datasheet HTML 30Page - Exar Corporation SP505 Datasheet HTML 31Page - Exar Corporation SP505 Datasheet HTML 32Page - Exar Corporation SP505 Datasheet HTML 33Page - Exar Corporation SP505 Datasheet HTML 34Page - Exar Corporation SP505 Datasheet HTML 35Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
LOOPBACK MODE...
The SP505 is equipped with two loopback
modes. Single-ended loopback internally
connects V.28 driver outputs to V.28 receiver
inputs. The signal path is non-inverting and
will support data rates up to 20kbps. The
propagation delay times are as specified
in the electrical specifications. To initiate
a single-ended loopback, the code "00"
should be written to the driver decoder.
Differential loopback is implemented by
applying "0" to the driver decoder. This
internally connects V. driver outputs to
V. receiver inputs. The signal path again
is non-inverting; the differential loopback
data rate can be at least 5Mbps.
Under loopback conditions the receiver
decoder is disabled. While the SP505 is in
either single-ended or differential loopback
mode, the driver outputs are tri-stated and
the receiver inputs are disabled.
Mode
Driver Output
Receiver Input
Driver Receiver
non-inverting
inverting
non-inverting
inverting
Input
Output
Loopback
DEC = 1010
tri-state
tri-state
>10KΩ to GND >10KΩ to GND active
active
DEC = 1011
tri-state
tri-state
>10KΩ to GND >10KΩ to GND active
active
Power down
clamped
V
CC=VDD=VSS=0V
tri-state
tri-state
>10KΩ to GND >10KΩ to GND inactive at ±0.6V
Tri-state
DEC = 0000
tri-state
tri-state
>10KΩ to GND >10KΩ to GND inactive tri-state
MODE: Differential Loopback
DRIVER/RECEIVER
DEC
3 DEC2 DEC1
DEC
0
RD(a) 70
RxD 1
RT(a) 37
RxC 20
SCT(a) 76
SCT 79
SCTEN 7
SCT(b) 77
15 TxC
63 TT(a)
65 TT(b)
6
TTEN
RECEIVERS
DRIVERS
22 ST
42 ST(a)
44 ST(b)
23 STEN
CS(a) 66
CTS 80
RR(a) 35
DCD 19
RR(b) 36
CS(b) 67
RT(b) 38
RD(b) 71
1
0
1
1
24 LL
51 LL(a)
49 LL(b)
5
LLEN
14 TxD
61 SD(a)
59 SD(b)
2 SDEN
13 DTR
58 TR(a)
56 TR(b)
3 TREN
16 RTS
54 RS(a)
52 RS(b)
4 RSEN
17 RL
47 RL(a)
45 RL(b)
18 RLEN
IC(a) 39
RI 21
IC(b) 40
DM(a) 68
DSR 78
DM(b) 69
IC(a) 39
RI 21
SCTEN 7
RECEIVERS
DRIVERS
1
0
1
0
24 LL
51 LL(a)
5 LLEN
13 DTR
58 TR(a)
3 TREN
DM(a) 68
DSR 78
16 RTS
54 RS(a)
4 RSEN
17 RL
47 RL(a)
18 RLEN
RR(a) 35
DCD 19
CS(a) 66
CTS 80
RD(a) 70
RxD 1
RT(a) 37
RxC 20
SCT(a) 76
SCT 79
14 TxD
61 SD(a)
2 SDEN
15 TxC
63 TT(a)
6 TTEN
22 ST
42 ST(a)
23 STEN
MODE: Single-Ended Loopback
DRIVER/RECEIVER
DEC
3
DEC
2 DEC1
DEC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com