Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 22 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 22 Page - Exar Corporation

Back Button SP505 Datasheet HTML 18Page - Exar Corporation SP505 Datasheet HTML 19Page - Exar Corporation SP505 Datasheet HTML 20Page - Exar Corporation SP505 Datasheet HTML 21Page - Exar Corporation SP505 Datasheet HTML 22Page - Exar Corporation SP505 Datasheet HTML 23Page - Exar Corporation SP505 Datasheet HTML 24Page - Exar Corporation SP505 Datasheet HTML 25Page - Exar Corporation SP505 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
22
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
Receiver Enable and Output
Only one receiver includes an enable line.
The SCTEN input for the SCT receiver can
enable or tri-state the output of the receiver.
When the pin is at a logic "0", the receiver
output is high impedance and any input
termination internal connected is switched
off. The inputs will be at approximately 0kΩ
during tri-state.
All receivers include a fail-safe feature that
outputs a logic "" when the receiver inputs
areopen. Thedifferentialreceiversallocated
for data and clock signals (RxD, RxC, and
SCT) have advanced fail-safe that outputs
a logic "" when the inputs are either open,
shorted, or terminated. Other discrete or
integrated implementations require external
pull-up and pull-down resistors to define the
receiver output state. For single-ended V.28
receivers, there are internal 5kΩ pull-down
resistors on the inputs which produces a
logic high ("") at the receiver outputs. The
single-ended V.0 receivers produce a logic
LOW ("0") on the output when the inputs are
open. Thisisduetoaninternalpull-updevice
connected to the input. The differential re-
ceivershavethesameinternalpull-updevice
on the non-inverting input which produces
a logic HIGH ("") at the receiver output,
representing an "OFF" state to the HDLC
controller. The three differential receivers
when configured in V.35 mode (RxD, RxC
& SCT) will also include fail-safe even when
the internal termination resistor network is
connected and the inputs are either shorted
or floating.
Decoder
The SP505 has the ability to change the
interface mode of the drivers or receivers
via a 4–bit switch. The decoder for the driv-
ers and receivers can be latched through a
control pin.
The control word can be latched either high
or low to write the appropriate code into the
SP505. The codes shown in Tables  and
2 are the only specified, valid modes for the
SP505. Undefined codes may represent
other interface modes not specified (consult
the factory for more information).The drivers
and receivers are controlled with the data
bits labeled DEC
3–DEC0. All of the drivers
outputs and receiver outputs can be put
into tri-state mode by writing 0000 to the
driver decode switch. All internal termination
networks are switched off during this mode.
Individual tri-state capability is possible for
all drivers through each driver's own enable
controlinput. TheSCTreceiveralsocontains
an individual enable input. When this control
pin is disabled (logic "0"), the V. and V.35
input termination is deactivated. The 0000
decoderwordwilloverridetheenablecontrol
line for the one receiver (SCT).
The SP505 contains internal loopback ca-
pabilities for self-diagnostic tests. Loopback
is enabled through the decoder. To initiate
single-ended mode loopback, the decoder
word is 00. To initiate differential mode
loopback, the decoder word is 0. The
minimum transmission rates into the SP505
under loopback conditions are 20kbps for
single-endedmodeand5Mbpsfordifferential
mode. The driver outputs are tri-stated and
the receiver inputs are disabled during loop-
back. The receiver input impedance during
loopback is approximately 0kΩ.
The SP505 is equipped with a latch control
forthefour(4)decoderbits. Thelatchcontrol
pin is pin 8 of the SP505. The latch control
is active low, a logic low on pin 8 will latch
the decoder signals. A logic "" on pin 8 will
force the latch to be transparent to the user.
A pulse width of at least 30ns is required to
latch the decoder for the next mode. The
resultant output is typically 600ns after the
latch control pin is toggled assuming that
the decoder word is set.
NET1/2 & TBR2 European Compliancy
As with all of Sipex's previous multi-proto-
col serial transceiver ICs, the drivers and
receivers have been designed to meet all
the requirements to NET/2. The SP505 is
internally tested to all the NET/2 physical
layer testing parameters and the ITU Series
V specifications.
WiththeemergenceofETSITBR2(Technical
BasisforRegulation)documentnow in place
as an alternative for European compliancy,
Sipex has tested the SP505 to TBR2 speci-
fications to ensure "CE" approval for either
testing method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com