Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 1 Page - Exar Corporation

  SP505 Datasheet HTML 1Page - Exar Corporation SP505 Datasheet HTML 2Page - Exar Corporation SP505 Datasheet HTML 3Page - Exar Corporation SP505 Datasheet HTML 4Page - Exar Corporation SP505 Datasheet HTML 5Page - Exar Corporation SP505 Datasheet HTML 6Page - Exar Corporation SP505 Datasheet HTML 7Page - Exar Corporation SP505 Datasheet HTML 8Page - Exar Corporation SP505 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image

Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
The SP505 is a monolithic device that supports eight (8) popular serial interface standards for DTE
to DCE connectivity. The SP505 is fabricated using a low power BiCMOS process technology, and
incorporates a Sipex patented (5,306,954) charge pump allowing +5V only operation. Seven (7)
drivers and seven (7) receivers can be configured via software for any of the above interface modes
at any time. The SP505 requires no additional external components for compliant operation for all
of the eight (8) modes of operation. All necessary termination is integrated within the SP505 and is
switchable when V.35 drivers, V.35 receivers, and V. receivers are used. The SP505 can operate
as either a DTE or DCE.
Additional features with the SP505 include internal loopback that can be initiated in either single-ended
or differential modes. While in loopback mode, driver outputs are internally connected to receiver
inputs creating an internal signal path convenient for diagnostic testing. This eliminates the need for
an external loopback plug. The SP505 also includes a latch enable pin with the driver and receiver
address decoder. Tri-state ability for the driver and receiver outputs is controlled by supplying a 4-bit
word into the address decoder. Seven (7) drivers and one () receiver in the SP505 include separate
enable pins for added convenience. The SP505 is ideal for WAN serial ports in networking equipment
such as routers, switches, DSU/CSU's, and other access devices.
SP505
WAN Multi-Mode Serial Transceiver
DESCRIPTION
• +5V Only Operation
• Seven (7) Drivers and Seven (7) Receivers
• Driver and Receiver Tri-state Control
• Internal Transceiver Termination Resistors for
V. and V.35 Protocols
• Loopback Self-Test Mode
• Software Selectable Protocol Selection
• Interface Modes Supported:
• RS-232 (V.28)
• X.2/RS-422 (V.)
• EIA-530 (V.0 & V.)
• EIA-530A (V.0 & V.)
• RS-449 (V.0 & V.)
• V.35 (V.35 & V.28)
• V.36 (V.0 & V.)
• RS-485 (un-terminated V.)
• Improved ESD Tolerance for Analog I/Os
• High Differential Transmission Rates
• SP505A - 0Mbps
• SP505B - over 6Mbps
• Compliant to NET/2 and TBR2 Physical Layer
Requirements
(TUV Test Report NET2/0520/98)
(TUV Test Report CTR2/0520/98)
EIA-530
WAN
V.35
RxD 1
SDEN2
TREN3
RSEN4
LLEN 5
TTEN 6
SCTEN7
LATCH 8
DEC
3 9
DEC
2 10
DEC
1 11
DEC
0 12
DTR 13
TxD 14
TxC 15
RTS 16
RL 17
RLEN 18
DCD 19
RxC 20
60 GND
59 SD(b)
58 TR(a)
57 GND
56 TR(b)
55 VCC
54 RS(a)
53 GND
52 RS(b)
51 LL(a)
50 GND
49 LL(b)
48 VCC
47 RL(a)
46 GND
45 RL(b)
44 ST(b)
43 GND
42 ST(a)
41 VCC
SP505


Similar Part No. - SP505

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
132Kb / 18P
Evaluation Board Manual
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
WAN Multi-Mode Serial Transceiver
logo
Mitel Networks Corporat...
SP5054 MITEL-SP5054 Datasheet
279Kb / 9P
2.6GHz 3-Wire BUS Controlled Synthesiser
SP5054KGDPAS MITEL-SP5054KGDPAS Datasheet
279Kb / 9P
2.6GHz 3-Wire BUS Controlled Synthesiser
More results

Similar Description - SP505

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
505Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526_06 Datasheet
360Kb / 24P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP504 EXAR-SP504 Datasheet
1Mb / 32P
WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com