Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 3 Page - Exar Corporation

  SP505 Datasheet HTML 1Page - Exar Corporation SP505 Datasheet HTML 2Page - Exar Corporation SP505 Datasheet HTML 3Page - Exar Corporation SP505 Datasheet HTML 4Page - Exar Corporation SP505 Datasheet HTML 5Page - Exar Corporation SP505 Datasheet HTML 6Page - Exar Corporation SP505 Datasheet HTML 7Page - Exar Corporation SP505 Datasheet HTML 8Page - Exar Corporation SP505 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
3
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
ELECTRICAL CHARACTERISTICS
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS CONDITIONS
V.28 RECEIVER AC PARAMETERS (Vcc = +5V for AC Parameters)
Propagation Delay t
PHL
50
00
500
ns
Propagation Delay t
PLH
50
00
500
ns
Max Transmission Rate
20
230
kbps
V.10 DRIVER OUTPUT DC PARAMETERS
Open Circuit Voltage
+/-4.0
+/-6.0
Volts
Per Figure 9
Test Terminated Voltage
0.9Vcc
Volts
Per Figure 0
Short-Circuit Current
+/-50
mA
Per Figure 
Power-Off Current
+/-00
mA
Per Figure 2
V.10 DRIVER AC PARAMETERS (Vcc = +5V for AC Parameters)
Transition Time
200
ns
Per Figure 3; 0% to 90%
Propagation Delay t
PHL
50
00
500
ns
Propagation Delay t
PLH
50
00
500
ns
Max Transmission Rate
20
230
kbps
V.10 RECEIVER INPUT DC PARAMETERS
Input Current
-3.25
+3.25
mA
Per Figures 4 and 5
Input Impedance
4
kΩ
Sensitivity
+/-0.3
Volts
V.10 RECEIVER AC PARAMETERS (Vcc = +5V for AC Parameters)
Propagation Delay t
PHL
50
20
250
ns
Propagation Delay t
PLH
50
20
250
ns
Max Transmission Rate
20
kbps
V.11 DRIVER OUTPUT DC PARAMETERS
Open Circuit Voltage
+/-5.0
Volts
Per Figure 6
Test Terminated Voltage
+/-2.0
Volts
Per Figure 7
0.5V
OC
0.67V
OC
Volts
Per Figure 7
Balance
+/-0.4
Volts
Per Figure 7
Offset
+3.0
Volts
Per Figure 7
Short-Circuit Current
+/-50
mA
Per Figure 8
Power-Off Current
+/-00
µA
Per Figure 9
V.11 DRIVER OUTPUT AC PARAMETERS (Vcc = +5V for AC Parameters)
Transition Time
20
ns
Per Figures 2 and 36; 0% to 90%
Propagation Delay t
PHL
50
85
0
ns
Per Figures 33 and 36; C
L = 50pF
Propagation Delay t
PLH
50
85
0
ns
Per Figures 33 and 36; C
L = 50pF
Differential Skew
0
20
ns
Per Figures 33 and 36; C
L = 50pF
Max. Transmission Rate
SP505ACM-L
0
2
Mbps
Per Figure 33; C
L = 50pF,
f
IN = 5MHz
Max. Transmission Rate
SP505BCM-L
6.4
8
Mbps
Per Figure 33; C
L = 50pF,
f
IN = 8.2MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com