Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 19 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 19 Page - Exar Corporation

Back Button SP505 Datasheet HTML 15Page - Exar Corporation SP505 Datasheet HTML 16Page - Exar Corporation SP505 Datasheet HTML 17Page - Exar Corporation SP505 Datasheet HTML 18Page - Exar Corporation SP505 Datasheet HTML 19Page - Exar Corporation SP505 Datasheet HTML 20Page - Exar Corporation SP505 Datasheet HTML 21Page - Exar Corporation SP505 Datasheet HTML 22Page - Exar Corporation SP505 Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
9
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
Phase 2 (±10V)
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to
the V
SS storage capacitor and the positive
terminal of C
2 to ground, and transfers the
generated –l0V or the generated –5V to C
3.
Simultaneously,thepositivesideofcapacitor
C
 is switched to +5V and the negative side
is connected to ground.
Phase 2 (±5V)
— V
SS & VDD charge storage — C
+
is recon-
nected to V
CC to recharge the C capacitor.
C
2
+
isswitchedtogroundandC
2
–
isconnected
to C
3. The 5V charge from Phase  is now
transferred to the V
SS storage capacitor. VSS
receives a continuous charge from either C

or C
2. With the C capacitor charged to 5V,
the cycle begins again.
Phase 3
— V
DD charge storage — The third phase
of the clock is identical to the first phase
— the charge transferred in C
 produces
–5V in the negative terminal of C
, which
is applied to the negative side of capacitor
C
2. Since C2
+
is at +5V, the voltage potential
across C
2 is l0V. For the 5V output, C2
+
is
connected to ground so that the potential
on C
2 is only +5V.
Phase 4
— V
DD transfer — The fourth phase of the
clock connects the negative terminal of C
2
to ground and transfers the generated l0V
or the generated 5V across C
2 to C4, the VDD
storage capacitor. Again, simultaneously
with this, the positive side of capacitor C

is switched to +5V and the negative side is
connected to ground, and the cycle begins
again.
Since both V
DD and VSS are separately gen-
erated from V
CC in a no–load condition, VDD
and V
SS will be symmetrical. Older charge
pump approaches that generate V– from
V+ will show a decrease in the magnitude
of V– compared to V+ due to the inherent
inefficiencies in the design.
The clock rate for the charge pump typically
operates at 5kHz. The external capacitors
must be a minimum of 22µF with a 6V
breakdown rating.
External Power Supplies
For applications that do not require +5V
only, external supplies can be applied at the
V+ and V– pins. The value of the external
supply voltages must be no greater than
+l0.5V. The tolerance should be +5% from
+0V. The current drain for the supplies is
used for RS-232 and RS-423 drivers. For
the RS-232 driver, the current requirement
will be 3.5mA per driver. The RS-423 driver
worst case current drain will be mA per
driver. Power sequencing is required for the
SP505. The supplies must be sequenced
accordingly: +0V, +5V and –0V. It is
important to prevent V
SS from starting up
before V
CC or VDD.
Figure 47. Charge Pump Phase 2 for +0V.
Figure 49. Charge Pump Phase 3.
V CC = +5V
–1 0V
V DD S torage C apa citor
C 1
C 2
C 4
+
+
+
–
–
–
VSS Storage C apa citor
C 3
+
–
V CC = +5V
–5 V
–5 V
+5V
V DD S torage C apa citor
C 1
C 2
C 4
+
+
+
–
–
–
VSS S torage C apa citor
C 3
+
–
Figure 50. Charge Pump Phase 4.
Figure 48. Charge Pump Phase 2 for +5V.
V CC = +5V
V DD S torage C apa citor
C 1
C 2
C 4
+
+
+
–
–
–
VSS S torage C apa citor
C 3
+
–
–5 V
V CC = +5V
+10V
V DD S torage C apa citor
C 1
C 2
C 4
+
+
+
–
–
–
VSS S torage C apa citor
C 3
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com