Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 5 Page - Exar Corporation

  SP505 Datasheet HTML 1Page - Exar Corporation SP505 Datasheet HTML 2Page - Exar Corporation SP505 Datasheet HTML 3Page - Exar Corporation SP505 Datasheet HTML 4Page - Exar Corporation SP505 Datasheet HTML 5Page - Exar Corporation SP505 Datasheet HTML 6Page - Exar Corporation SP505 Datasheet HTML 7Page - Exar Corporation SP505 Datasheet HTML 8Page - Exar Corporation SP505 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
AC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
TRANSCEIVER LEAKAGE CURRENTS
Driver Output 3-state Current
00
500
µA
Per Figure 32; Drivers disabled
Receiver Output 3-state
Current

0
µA
DEC
X = 0000, 0.4V ≤ VO ≤ 2.4V
PARAMETER
MIN.
TYP.
MAX.
Units
CONDITIONS
DRIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232/V.28
t
PZL; Tri-state to Output LOW
0.70
5.0
µs
C
L = 00pF, Fig. 34 & 40; S1 closed
t
PZH; Tri-state to Output HIGH
0.40
2.0
µs
C
L = 00pF, Fig. 34 & 40; S2 closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µs
C
L = 00pF, Fig. 34 & 40; S1 closed
t
PHZ; Output HIGH to Tri-state
0.40
2.0
µs
C
L = 00pF, Fig. 34 & 40; S2 closed
RS-423/V.10
t
PZL; Tri-state to Output LOW
0.5
2.0
µs
C
L = 00pF, Fig. 34 & 40; S1 closed
t
PZH; Tri-state to Output HIGH
0.20
2.0
µs
C
L = 00pF, Fig. 34 & 40; S2 closed
t
PLZ; Output LOW to Tri-state
0.20
2.0
µs
C
L = 00pF, Fig. 34 & 40; S1 closed
t
PHZ; Output HIGH to Tri-state
0.5
2.0
µs
C
L = 00pF, Fig. 34 & 40; S2 closed
RS-422/V.11
t
PZL; Tri-state to Output LOW
2.80
0.0
µs
C
L = 00pF, Fig. 34 & 37; S1 closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 34 & 37; S1 closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 34 & 37; S2 closed
V.35
t
PZL; Tri-state to Output LOW
2.60
0.0
µs
C
L = 00pF, Fig. 34 & 37; S1 closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 34 & 37; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 5pF, Fig. 34 & 37; S1 closed
t
PHZ; Output HIGH to Tri-state
0.5
2.0
µs
C
L = 5pF, Fig. 34 & 37; S2 closed
RECEIVER DELAY TIME BETWEEN ACTIVE MODE AND TRI-STATE MODE
RS-232/V.28
t
PZL; Tri-state to Output LOW
0.2
2.0
µs
C
L = 00pF, Fig. 35 & 38; S1 closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 35 & 38; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 00pF, Fig. 35 & 38; S1 closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 00pF, Fig. 35 & 38; S2 closed
RS-423/V.10
t
PZL; Tri-state to Output LOW
0.0
2.0
µs
C
L = 00pF, Fig. 35 & 38; S1 closed
t
PZH; Tri-state to Output HIGH
0.0
2.0
µs
C
L = 00pF, Fig. 35 & 38; S2 closed
t
PLZ; Output LOW to Tri-state
0.0
2.0
µs
C
L = 00pF, Fig. 35 & 38; S1 closed
t
PHZ; Output HIGH to Tri-state
0.0
2.0
µs
C
L = 00pF, Fig. 35 & 38; S2 closed
T
A = +25°C and VCC = +4.75V to +5.25V unless otherwise noted.
T
A = +25°C and VCC = +5.0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com