Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 20 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 20 Page - Exar Corporation

Back Button SP505 Datasheet HTML 16Page - Exar Corporation SP505 Datasheet HTML 17Page - Exar Corporation SP505 Datasheet HTML 18Page - Exar Corporation SP505 Datasheet HTML 19Page - Exar Corporation SP505 Datasheet HTML 20Page - Exar Corporation SP505 Datasheet HTML 21Page - Exar Corporation SP505 Datasheet HTML 22Page - Exar Corporation SP505 Datasheet HTML 23Page - Exar Corporation SP505 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
a load of 00Ω. The signal levels and drive
capability of these drivers allow the drivers to
also support RS-485 requirements of ±.5V
minimumdifferentialoutputlevelswitha54Ω
load. The driver is designed to operate over
a common mode range of +2V to -7V, which
follows the RS-485 specification. This also
covers the +7V to -7V common mode range
for V. (RS-422) requirements. The V.
drivers are used in RS-449, EIA-530, EIA-
530A and V.36 modes as Category I signals
which are used for clock and data signals.
V.35 Drivers
The fourth type of driver is the V.35 driver.
These drivers were specifically designed
to comply with the requirements of V.35.
Unique to the industry, the Sipex's V.35
driver architecture used in the SP505 does
not need external termination resistors to
operate and comply with V.35. This simpli-
fies existing V.35 implementations that use
external termination schemes. The V.35
drivers can produce +0.55V driver output
signals with minimum deviation (maximum
20%) given an equivalent load of 00Ω.
With the help of internal resistor networks,
the drivers achieve the 50Ω to 50Ω source
impedance and the 35Ω to 65Ω short-cir-
cuit impedance for V.35. The V.35 driver is
disabled and transparent when the decoder
is in all other modes. All of the differential
drivers;V.(RS-422)andV.35,canoperate
over 0Mbps.
Driver Enable and Input
AllthedriversintheSP505containindividual
enablelineswhichcantri-statethedriverout-
puts when a logic "" is applied. This simpli-
fieshalf-duplexconfigurationsforsomeappli-
cations and also provides simpler DTE/DCE
flexibility with one integrated circuit.
The driver inputs are both TTL or CMOS
compatible. Each driver input should have a
pull-down or pull-up resistor so that the out-
put will be at a defined state. Unused driver
inputs should not be left floating.
Receivers
The SP505 has seven (7) independent re-
ceivers which can be programmed for the
different interface modes. Control for the
Drivers
The SP505 has seven (7) enhanced in-
dependent drivers. Control for the mode
selection is done via a four–bit control word.
The drivers are prearranged such that for
each mode of operation, the relative posi-
tion and functionality of the drivers are set
up to accommodate the selected interface
mode.As the mode ofthe drivers is changed,
the electrical characteristics will change to
support the requirements of clock, data, and
control line signal levels. Table  shows the
mode of each driver in the different interface
modes that can be selected.
There are four basic types of driver circuits
— V.28, V., V.0 and V.35.
V.28 Drivers
TheV.28driversoutputsingle–endedsignals
with a minimum of +5V (with 3kΩ & 2500pF
loading),andcanoperatetoatleast20kbps
under full load. Since the SP505 uses a
charge pump to generate the RS-232 output
rails, the driver outputs will never exceed
+0V. The V.28 drivers are used in RS-232
mode for all signals, and also in V.35 mode
where four (4) drivers are used as the control
line signals (DTR, RTS, LL, and RL).
V.10 Drivers
The V.0 (RS-423) drivers are also single–
endedsignalswhichproduceopencircuitV
OL
and V
OH measurements of +4.0V to +6.0V.
Whenterminatedwitha450Ωloadtoground,
the driver output will not deviate more than
0% of the open circuit value. This is in
compliance of the ITU V.10 specification.
The V.0 drivers are used in RS-449, EIA-
530, EIA-530Aand V.36 modes as Category
II signals from each of their corresponding
specifications.
V.11 Drivers
The third type of driver is a V. (RS-422)
type differential driver. Due to the nature of
differential signaling, the drivers are more
immunetonoiseasopposedtosingle-ended
transmissionmethods. Theadvantageisevi-
dentoverhighspeedsandlongtransmission
lines. The strength of the driver outputs can
producedifferentialsignalsthatcanmaintain
typically +2.2V differential output levels with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com