Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 18 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 18 Page - Exar Corporation

Back Button SP505 Datasheet HTML 14Page - Exar Corporation SP505 Datasheet HTML 15Page - Exar Corporation SP505 Datasheet HTML 16Page - Exar Corporation SP505 Datasheet HTML 17Page - Exar Corporation SP505 Datasheet HTML 18Page - Exar Corporation SP505 Datasheet HTML 19Page - Exar Corporation SP505 Datasheet HTML 20Page - Exar Corporation SP505 Datasheet HTML 21Page - Exar Corporation SP505 Datasheet HTML 22Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
8
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
+4V to +6V during an open-circuit (no
load). The charge pump would need to
be regulated down from +0V to +5V.
A typical +0V charge pump would require
external clamping such as 5V zener diodes
on V
DD and VSS to ground. The +5V output
hassymmetricallevelsasinthe+0Voutput.
The+5Visusedinthefollowingmodeswhere
RS-423 (V.0) are used: RS-449, EIA-530,
EIA-530A and V.36.
Phase 1 (±10V)
—V
SS charge storage — During this phase of
theclockcycle,thepositivesideofcapacitors
C
 and C2 are initially charged to +5V. Cl
+
is
then switched to ground and the charge on
C

–
is transferred to C
2
–
. Since C
2
+
is con-
nected to +5V, the voltage potential across
capacitor C
2 is now 0V.
Phase 1 (±5V)
— V
SS & VDD charge storage and transfer
— With the C
 and C2 capacitors initially
chargedto+5V,C
l
+
isthenswitchedtoground
andthechargeonC

–
istransferredtotheV
SS
storage capacitor. Simultaneously the C
2
–
is
switched to ground and 5V charge on C
2
+
is
transferred to the V
DD storage capacitor.
FEATURES…
The SP505 is a highly integrated serial
transceiver that allows software control of
its interface modes. Similar to the SP504,
the SP505 offers the same hardware inter-
face modes for RS-232 (V.28), RS-422A
(V.), RS-449, RS-485, V.35, EIA-530 and
includes V.36 and EIA-530A. The interface
mode selection is done via a 4–bit switch
for the drivers and receivers. The SP505
is fabricated using low–power BiCMOS
process technology, and incorporates a
Exar–patented (5,306,954) charge pump
allowing +5V only operation. Each device
is packaged in an 80–pin JEDEC Quad
FlatPack package.
The SP505 is ideally suited for wide area
network connectivity based on the interface
modes offered and the driver and receiver
configurations. The SP505 has seven (7)
independent drivers and seven (7) indepen-
dent receivers. In V.35 mode, the SP505
includes the necessary components and
termination resistors internal within the de-
vice for compliant V.35 operation.
THEORY OF OPERATION
The SP505 is made up of five separate
circuit blocks — the charge pump, drivers,
receivers,decoderandswitchingarray. Each
of these circuit blocks is described in more
detail below.
Charge–Pump
The SP505 charge pump is based on the
SP504designwhereExar'spatentedcharge
pump design (5,306,954) uses a four–phase
voltageshiftingtechniquetoattainsymmetri-
cal 0V power supplies. The charge pump
still requires external capacitors to store the
charge. In addition the SP504 charge pump
supplies +0V or +5V on V
SS and VDD de-
pending on the mode of operation. There is
afree–runningoscillatorthatcontrolsthefour
phases of the voltage shifting. A description
of each phase follows.
The SP505 charge pump is used for RS-
232 where the output voltage swing is
typically +0V and also used for RS-423.
However, RS-423 requires the voltage
swing on the driver output be between
V CC = +5V
–5V
–5V
+5V
V DD S torage C apa citor
C 1
C 2
C 4
+
+
+
–
–
–
VSS Storage C apa citor
C 3
+
–
Figure 46. Charge Pump Phase  for +5V.
V CC = +5V
+5V
V DD S torage C apa citor
C 1
C 2
C 4
+
+
+
–
–
–
VSS Storage C apa citor
C 3
+
–
–5V
Figure 45. Charge Pump Phase  for +0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com