Electronic Components Datasheet Search
  English  ▼

X  

SP505 Datasheet(PDF) 13 Page - Exar Corporation

Part # SP505
Description  WAN Multi-Mode Serial Transceiver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP505 Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP505 Datasheet HTML 9Page - Exar Corporation SP505 Datasheet HTML 10Page - Exar Corporation SP505 Datasheet HTML 11Page - Exar Corporation SP505 Datasheet HTML 12Page - Exar Corporation SP505 Datasheet HTML 13Page - Exar Corporation SP505 Datasheet HTML 14Page - Exar Corporation SP505 Datasheet HTML 15Page - Exar Corporation SP505 Datasheet HTML 16Page - Exar Corporation SP505 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
3
Exar Coporation 48720 Kato Road, Fremont CA, 94538 • (50) 668-7000 • Fax (50) 668-707 • www.exar.com
SP505_00_08308
Figure 34. Driver Timing Test Load Circuit
Figure 35. Receiver Timing Test Load Circuit
500Ω
C L
Output
Under
Test
S 1
S 2
VCC
1KΩ
1KΩ
CRL
R eceiver
Output
S 1
S 2
Test P oint
VCC
Figure 36. Driver Propagation Delays
Figure 37. Driver Enable and Disable Times
+3V
0V
DEC
X
5V
VOL
A,B
0V
1.5V
1.5V
t
ZL
t
ZH
f = 1MHz; t
R ≤ 10ns; tF ≤ 10ns
VOH
A,B
2.3V
2.3V
t
LZ
t
HZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
TX
ENABLE
Figure 38. Receiver Propagation Delays
+3V
0V
DRIVER
INPUT
B
A
DRIVER
OUTPUT
V
O
+
DIFFERENTIAL
OUTPUT
V
A - VB
0V
V
O
–
1.5V
1.5V
t
DPLH
t
F
t
R
f ≥ 5MHz; t
R ≤ 10ns; tF ≤ 10ns
V
O
1/2V
O
1/2V
O
t
DPHL
t
SKEW = │tDPLH - tDPHL │
t
PHL
t
PLH
V OH
VOL
R E CE IVE R OUT
(V OH - V OL)/2
(V OH - VOL)/2
tPLH
f > 5MHz; tR < 10ns; tF < 10ns
OUTP UT
V0D2 +
V 0D2–
A – B
0V
0V
tPHL
INP UT
tSKEW = | tPHL - tPLH |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com