Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9231 Datasheet HTML 7Page - Analog Devices AD9231 Datasheet HTML 8Page - Analog Devices AD9231 Datasheet HTML 9Page - Analog Devices AD9231 Datasheet HTML 10Page - Analog Devices AD9231 Datasheet HTML 11Page - Analog Devices AD9231 Datasheet HTML 12Page - Analog Devices AD9231 Datasheet HTML 13Page - Analog Devices AD9231 Datasheet HTML 14Page - Analog Devices AD9231 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9231
Rev. 0 | Page 11 of 36
Pin No.
Mnemonic
Description
49, 50, 53, 54, 59, 60, 63, 64
AVDD
1.8 V Analog Supply Pins.
51, 52
VIN+A, VIN−A
Channel A Analog Inputs.
55
VREF
Voltage Reference Input/Output.
56
SENSE
Reference Mode Selection.
57
VCM
Analog output voltage at midsupply to set common mode of the analog inputs.
58
RBIAS
Sets Analog Current Bias. Connect to 10 kΩ (1% tolerance) resistor to ground.
61, 62
VIN−B, VIN+B
Channel B Analog Inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com