Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9231 Datasheet HTML 22Page - Analog Devices AD9231 Datasheet HTML 23Page - Analog Devices AD9231 Datasheet HTML 24Page - Analog Devices AD9231 Datasheet HTML 25Page - Analog Devices AD9231 Datasheet HTML 26Page - Analog Devices AD9231 Datasheet HTML 27Page - Analog Devices AD9231 Datasheet HTML 28Page - Analog Devices AD9231 Datasheet HTML 29Page - Analog Devices AD9231 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
AD9231
Rev. 0 | Page 26 of 36
The AD9231 is placed in power-down mode either by the SPI
port or by asserting the PDWN pin high. In this state, the ADC
typically dissipates 2.2 mW. During power-down, the output
drivers are placed in a high impedance state. Asserting the
PDWN pin low returns the AD9231 to its normal operating
mode. Note that PDWN is referenced to the digital output
driver supply (DRVDD) and should not exceed that supply
voltage.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering power-
down mode and then must be recharged when returning to normal
operation. As a result, wake-up time is related to the time spent
in power-down mode, and shorter power-down cycles result in
proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. See the Memory Map section
for more details.
DIGITAL OUTPUTS
The AD9231 output drivers can be configured to interface with
1.8 V to 3.3 V CMOS logic families. Output data can also be
multiplexed onto a single output bus to reduce the total number
of traces required.
The CMOS output drivers are sized to provide sufficient output
current to drive a wide variety of logic families. However, large
drive currents tend to cause current glitches on the supplies
and may affect converter performance.
Applications requiring the ADC to drive large capacitive loads
or large fanouts may require external buffers or latches.
The output data format can be selected to be either offset binary
or twos complement by setting the SCLK/DFS pin when operating
in the external pin mode (see Table 11).
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI control.
Table 11. SCLK/DFS Mode Selection (External Pin Mode)
Voltage at Pin
SCLK/DFS
SDIO/DCS
AGND
Offset binary (default)
DCS disabled(default)
DRVDD
Twos complement
DCS enabled
Digital Output Enable Function (OEB)
The AD9231 has a flexible three-state ability for the digital
output pins. The three-state mode is enabled using the OEB pin
or through the SPI interface. If the OEB pin is low, the output
data drivers and DCOs are enabled. If the OEB pin is high, the
output data drivers and DCOs are placed in a high impedance
state. This OEB function is not intended for rapid access to the
data bus. Note that OEB is referenced to the digital output
driver supply (DRVDD) and should not exceed that supply
voltage.
When using the SPI interface, the data outputs and DCO of
each channel can be independently three-stated by using the
output disable (OEB) bit (Bit 4) in Register 0x14.
TIMING
The AD9231 provides latched data with a pipeline delay of
9 clock cycles. Data outputs are available one propagation
delay (tPD) after the rising edge of the clock signal.
Minimize the length of the output data lines and loads placed
on them to reduce transients within the AD9231. These
transients can degrade converter dynamic performance.
The lowest typical conversion rate of the AD9231 is 3 MSPS. At
clock rates below 3 MSPS, dynamic performance can degrade.
Data Clock Output (DCO)
The AD9231 provides two data clock output (DCO) signals
intended for capturing the data in an external register. The CMOS
data outputs are valid on the rising edge of DCO, unless the DCO
clock polarity has been changed via the SPI. See Figure 2 and
Figure 3 for a graphical timing description.
Table 12. Output Data Format
Input (V)
Condition (V)
Offset Binary Output Mode
Twos Complement Mode
OR
VIN+ − VIN−
< −VREF − 0.5 LSB
0000 0000 0000
1000 0000 0000
1
VIN+ − VIN−
= −VREF
0000 0000 0000
1000 0000 0000
0
VIN+ − VIN−
= 0
1000 0000 0000
0000 0000 0000
0
VIN+ − VIN−
= +VREF − 1.0 LSB
1111 1111 1111
0111 1111 1111
0
VIN+ − VIN−
> +VREF − 0.5 LSB
1111 1111 1111
0111 1111 1111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com