Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9231 Datasheet HTML 18Page - Analog Devices AD9231 Datasheet HTML 19Page - Analog Devices AD9231 Datasheet HTML 20Page - Analog Devices AD9231 Datasheet HTML 21Page - Analog Devices AD9231 Datasheet HTML 22Page - Analog Devices AD9231 Datasheet HTML 23Page - Analog Devices AD9231 Datasheet HTML 24Page - Analog Devices AD9231 Datasheet HTML 25Page - Analog Devices AD9231 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD9231
Rev. 0 | Page 22 of 36
VOLTAGE REFERENCE
A stable and accurate 1.0 V voltage reference is built into the
AD9231. The VREF can be configured using either the internal
1.0 V reference or an externally applied 1.0 V reference voltage.
The various reference modes are summarized in the sections
that follow. The Reference Decoupling section describes the
best practices PCB layout of the reference.
Internal Reference Connection
A comparator within the AD9231 detects the potential at the
SENSE pin and configures the reference into two possible modes,
which are summarized in Table 10. If SENSE is grounded, the
reference amplifier switch is connected to the internal resistor
divider (see Figure 46), setting VREF to 1.0 V.
VREF
SENSE
0.5V
ADC
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
Figure 46. Internal Reference Configuration
If the internal reference of the AD9231 is used to drive multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 47 shows
how the internal reference voltage is affected by loading.
0
–3.0
02
LOAD CURRENT (mA)
.0
–0.5
–1.0
–1.5
–2.0
–2.5
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
1.2
INTERNAL VREF = 0.993V
Figure 47. VREF Accuracy vs. Load Current
Table 10. Reference Configuration Summary
Selected Mode
SENSE Voltage (V)
Resulting VREF (V)
Resulting Differential Span (V p-p)
Fixed Internal Reference
AGND to 0.2
1.0 internal
2.0
Fixed External Reference
AVDD
1.0 applied to external VREF pin
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com