Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9231 Datasheet HTML 28Page - Analog Devices AD9231 Datasheet HTML 29Page - Analog Devices AD9231 Datasheet HTML 30Page - Analog Devices AD9231 Datasheet HTML 31Page - Analog Devices AD9231 Datasheet HTML 32Page - Analog Devices AD9231 Datasheet HTML 33Page - Analog Devices AD9231 Datasheet HTML 34Page - Analog Devices AD9231 Datasheet HTML 35Page - Analog Devices AD9231 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9231
Rev. 0 | Page 34 of 36
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting design and layout of the AD9231 as a system,
it is recommended that the designer become familiar with these
guidelines, which discuss the special circuit connections and
layout requirements needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD9231, it is strongly
recommended that two separate supplies be used. Use one 1.8 V
supply for analog (AVDD); use a separate 1.8 V to 3.3 V supply for
the digital output supply (DRVDD). If a common 1.8 V AVDD
and DRVDD supply must be used, the AVDD and DRVDD
domains must be isolated with a ferrite bead or filter choke and
separate decoupling capacitors. Several different decoupling
capacitors can be used to cover both high and low frequencies.
Locate these capacitors close to the point of entry at the PCB
level and close to the pins of the part, with minimal trace length.
A single PCB ground plane should be sufficient when using the
AD9231. With proper decoupling and smart partitioning of the
PCB analog, digital, and clock sections, optimum performance
is easily achieved.
Exposed Paddle Thermal Heat Sink Recommendations
The exposed paddle (Pin 0) is the only ground connection for
the AD9231; therefore, it must be connected to analog ground
(AGND) on the customer’s PCB. To achieve the best electrical
and thermal performance, mate an exposed (no solder mask)
continuous copper plane on the PCB to the AD9231 exposed
paddle, Pin 0.
The copper plane should have several vias to achieve the
lowest possible resistive thermal path for heat dissipation to
flow through the bottom of the PCB. Fill or plug these vias
with nonconductive epoxy.
To maximize the coverage and adhesion between the ADC and
the PCB, a silkscreen should be overlaid to partition the continuous
plane on the PCB into several uniform sections. This provides
several tie points between the ADC and the PCB during the reflow
process. Using one continuous plane with no partitions guarantees
only one tie point between the ADC and the PCB. For detailed
information about packaging and PCB layout of chip scale
packages, see the AN-772 Application Note, A Design and
Manufacturing Guide for the Lead Frame Chip Scale Package
(LFCSP), at www.analog.com.
VCM
The VCM pin should be decoupled to ground with a 0.1 μF
capacitor, as shown in Figure 42.
RBIAS
The AD9231 requires that a 10 kΩ resistor be placed between
the RBIAS pin and ground. This resistor sets the master current
reference of the ADC core and should have at least a 1% tolerance.
Reference Decoupling
Externally decoupled the VREF pin to ground with a low ESR,
1.0 μF capacitor in parallel with a low ESR, 0.1 μF ceramic
capacitor.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK, CSB, and SDIO signals are typically asynchronous to the
ADC clock, noise from these signals can degrade converter
performance. If the on-board SPI bus is used for other devices,
it may be necessary to provide buffers between this bus and the
AD9231 to keep these signals from transitioning at the converter
inputs during critical sampling periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com