Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9231 Datasheet HTML 16Page - Analog Devices AD9231 Datasheet HTML 17Page - Analog Devices AD9231 Datasheet HTML 18Page - Analog Devices AD9231 Datasheet HTML 19Page - Analog Devices AD9231 Datasheet HTML 20Page - Analog Devices AD9231 Datasheet HTML 21Page - Analog Devices AD9231 Datasheet HTML 22Page - Analog Devices AD9231 Datasheet HTML 23Page - Analog Devices AD9231 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
AD9231
Rev. 0 | Page 20 of 36
Input Common Mode
The analog inputs of the AD9231 are not internally dc-biased.
Therefore, in ac-coupled applications, the user must provide a
dc bias externally. Setting the device so that VCM = AVDD/2 is
recommended for optimum performance, but the device can
function over a wider range with reasonable performance, as
shown in Figure 39 and Figure 40.
An on-board, common-mode voltage reference is included in
the design and is available from the VCM pin. The VCM pin
must be decoupled to ground by a 0.1 μF capacitor, as described
in the Applications Information section.
100
90
80
70
60
50
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INPUT COMMON-MODE VOLTAGE (V)
SFDR (dBc)
SNR (dBFS)
Figure 39. SNR/SFDR vs. Input Common-Mode Voltage,
fIN = 32.1 MHz, fS = 80 MSPS
100
90
80
70
60
50
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INPUT COMMON-MODE VOLTAGE (V)
SFDR (dBc)
SNR (dBFS)
Figure 40. SNR/SFDR vs. Input Common-Mode Voltage,
fIN = 10.3 MHz, fS = 20 MSPS
Differential Input Configurations
Optimum performance is achieved while driving the AD9231 in a
differential input configuration. For baseband applications, the
AD8138, ADA4937-2, and ADA4938-2 differential drivers provide
excellent performance and a flexible interface to the ADC.
The output common-mode voltage of the ADA4938-2 is easily
set with the VCM pin of the AD9231 (see Figure 41), and the
driver can be configured in a Sallen-Key filter topology to
provide band limiting of the input signal.
AVDD
VIN
76.8
Ω
120
Ω
0.1µF
33
Ω
33
Ω
10pF
200
Ω
200
Ω
90
Ω
ADA4938
ADC
VIN–x
VIN+x
VCM
Figure 41. Differential Input Configuration Using the ADA4938-2
For baseband applications below ~10 MHz where SNR is a key
parameter, differential transformer-coupling is the recommended
input configuration. An example is shown in Figure 42. To bias
the analog input, the VCM voltage can be connected to the
center tap of the secondary winding of the transformer.
2V p-p
49.9
Ω
0.1µF
R
R
C
ADC
VCM
VIN+x
VIN–x
Figure 42. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz (MHz). Excessive signal power can also
cause core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD9231. For applications above
~10 MHz where SNR is a key parameter, differential double balun
coupling is the recommended input configuration (see Figure 44).
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use the AD8352 differential driver.
An example is shown in Figure 45. See the AD8352 data sheet
for more information.
In any configuration, the value of Shunt Capacitor C is dependent
on the input frequency and source impedance and may need to
be reduced or removed. Table 9 displays the suggested values to set
the RC network. However, these values are dependent on the
input signal and should be used only as a starting guide.
Table 9. Example RC Network
Frequency Range (MHz)
R Series
(Ω Each)
C Differential (pF)
0 to 70
33
22
70 to 200
125
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com