Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9231 Datasheet HTML 19Page - Analog Devices AD9231 Datasheet HTML 20Page - Analog Devices AD9231 Datasheet HTML 21Page - Analog Devices AD9231 Datasheet HTML 22Page - Analog Devices AD9231 Datasheet HTML 23Page - Analog Devices AD9231 Datasheet HTML 24Page - Analog Devices AD9231 Datasheet HTML 25Page - Analog Devices AD9231 Datasheet HTML 26Page - Analog Devices AD9231 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
AD9231
Rev. 0 | Page 23 of 36
External Reference Operation
The use of an external reference may be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics. Figure 48 shows the typical drift characteristics of the
internal reference in 1.0 V mode.
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–40
–20
0
20
40
60
80
TEMPERATURE (°C)
VREF ERROR (mV)
Figure 48. Typical VREF Drift
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference. An internal
reference buffer loads the external reference with an equivalent
7.5 kΩ load (see Figure 37). The internal buffer generates the
positive and negative full-scale references for the ADC core.
Therefore, the external reference must be limited to a maximum
of 1.0 V.
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9231 sample clock
inputs, CLK+ and CLK−, with a differential signal. The signal
is typically ac-coupled into the CLK+ and CLK− pins via a
transformer or capacitors. These pins are biased internally
(see Figure 49) and require no external bias.
0.9V
AVDD
2pF
2pF
CLK–
CLK+
Figure 49. Equivalent Clock Input Circuit
Clock Input Options
The AD9231 has a very flexible clock input structure. The clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter
is of the most concern, as described in the Jitter Considerations
section.
Figure 50 and Figure 51 show two preferred methods for clock-
ing the AD9231 (at clock rates up to 625 MHz). A low jitter clock
source is converted from a single-ended signal to a differential
signal using either an RF transformer or an RF balun.
The RF balun configuration is recommended for clock frequencies
between 125 MHz and 625 MHz, and the RF transformer is recom-
mended for clock frequencies from 10 MHz to 200 MHz. The
back-to-back Schottky diodes across the transformer/balun
secondary limit clock excursions into the AD9231 to approx-
imately 0.8 V p-p differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9231 while
preserving the fast rise and fall times of the signal that are
critical to a low jitter performance.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50
Ω
100
Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
Figure 50. Transformer-Coupled Differential Clock (Up to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50
Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 51. Balun-Coupled Differential Clock (Up to 625 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com