Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9231 Datasheet HTML 12Page - Analog Devices AD9231 Datasheet HTML 13Page - Analog Devices AD9231 Datasheet HTML 14Page - Analog Devices AD9231 Datasheet HTML 15Page - Analog Devices AD9231 Datasheet HTML 16Page - Analog Devices AD9231 Datasheet HTML 17Page - Analog Devices AD9231 Datasheet HTML 18Page - Analog Devices AD9231 Datasheet HTML 19Page - Analog Devices AD9231 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
AD9231
Rev. 0 | Page 16 of 36
AD9231-20
AVDD = 1.8 V; DRVDD = 1.8 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, DCS
disabled, unless otherwise noted.
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
0.95
0
1.902.853.804.755.706.657.608.559.50
FREQUENCY (MHz)
2
5
4
3
6
+
20MSPS
9.7MHz @ –1dBFS
SNR = 70.3dB (71.3dBFS)
SFDR = 94.1dBc
Figure 26. AD9231-20 Single-Tone FFT with fIN = 9.7 MHz
0
–15
–30
–45
–60
–75
–90
–105
–120
–135
2
5
4
3
6
+
20MSPS
30.6MHz @ –1dBFS
SNR = 70.2dB (71.2dBFS)
SFDR = 94.6dBc
0.95
0
1.902.853.804.755.706.657.608.559.50
FREQUENCY (MHz)
Figure 27. AD9231-20 Single-Tone FFT with fIN = 30.6 MHz
0
20
40
60
80
100
120
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBc)
SNR
SNRFS
SFDR
SFDRFS
Figure 28. AD9231-20 SNR/SFDR vs. Input Amplitude (AIN) with fIN = 9.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com