Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 30 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD9231 Datasheet HTML 26Page - Analog Devices AD9231 Datasheet HTML 27Page - Analog Devices AD9231 Datasheet HTML 28Page - Analog Devices AD9231 Datasheet HTML 29Page - Analog Devices AD9231 Datasheet HTML 30Page - Analog Devices AD9231 Datasheet HTML 31Page - Analog Devices AD9231 Datasheet HTML 32Page - Analog Devices AD9231 Datasheet HTML 33Page - Analog Devices AD9231 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
AD9231
Rev. 0 | Page 30 of 36
MEMORY MAP
READING THE MEMORY MAP REGISTER TABLE
Each row in the memory map register table (see Table 16) has
eight bit locations. The memory map is roughly divided into
four sections: the chip configuration registers (Address 0x00
to Address 0x02); the device index and transfer registers
(Address 0x05 and Address 0xFF); the program registers,
including setup, control, and test (Address 0x08 to Address
0x2E); and the digital feature control registers (Address 0x100
and Address 0x101).
Table 16 documents the default hexadecimal value for each
hexadecimal address shown. The column with the heading Bit 7
(MSB) is the start of the default hexadecimal value given. For
example, Address 0x05, the channel index register, has a hexade-
cimal default value of 0x03. This means that in Address 0x05
Bit[7:2] = 0, and the remaining Bits[1:0] = 1. This setting is the
default channel index setting. The default value results in both
ADC channels receiving the next write command. For more
information on this function and others, see the AN-877
Application Note, Interfacing to High Speed ADCs via SPI. This
application note details the functions controlled by Register 0x00
to Register 0xFF. The remaining registers, Register 0x100 and
Register 0x101, are documented in the Memory Map Register
Descriptions section following Table 16.
OPEN LOCATIONS
All address and bit locations that are not included in the SPI
map are not currently supported for this device. Unused bits of
a valid address location should be written with 0s. Writing to these
locations is required only when part of an address location is
open (for example, Address 0x05). If the entire address location
is open, it is omitted from the SPI map (for example, Address 0x13)
and should not be written.
DEFAULT VALUES
After the AD9231 is reset, critical registers are loaded with
default values. The default values for the registers are given
in the memory map register table (see Table 16).
Logic Levels
An explanation of logic level terminology follows:
•
“Bit is set” is synonymous with “bit is set to Logic 1” or
“writing Logic 1 for the bit.”
•
“Clear a bit” is synonymous with “bit is set to Logic 0” or
“writing Logic 0 for the bit.”
Transfer Register Map
Address 0x08 to Address 0x18 are shadowed. Writes to these
addresses do not affect part operation until a transfer command
is issued by writing 0x01 to Address 0xFF, setting the transfer bit.
This allows these registers to be updated internally and simulta-
neously when the transfer bit is set. The internal update takes
place when the transfer bit is set, and then the bit autoclears.
Channel-Specific Registers
Some channel setup functions can be programmed differently
for each channel. In these cases, channel address locations are
internally duplicated for each channel. These registers and bits
are designated in the memory map register table as local. These
local registers and bits can be accessed by setting the appropriate
Channel A (Bit 0) or Channel B (Bit 1) bits in Register 0x05.
If both bits are set, the subsequent write affects the registers of
both channels. In a read cycle, set only Channel A or Channel B
to read one of the two registers. If both bits are set during an
SPI read cycle, the part returns the value for Channel A.
Registers and bits designated as global in the memory map
register table affect the entire part or the channel features for
which independent settings are not allowed between channels.
The settings in Register 0x05 do not affect the global registers
and bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com