Electronic Components Datasheet Search
  English  ▼

X  

AD9231 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9231
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9231 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9231 Datasheet HTML 21Page - Analog Devices AD9231 Datasheet HTML 22Page - Analog Devices AD9231 Datasheet HTML 23Page - Analog Devices AD9231 Datasheet HTML 24Page - Analog Devices AD9231 Datasheet HTML 25Page - Analog Devices AD9231 Datasheet HTML 26Page - Analog Devices AD9231 Datasheet HTML 27Page - Analog Devices AD9231 Datasheet HTML 28Page - Analog Devices AD9231 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
AD9231
Rev. 0 | Page 25 of 36
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR from the low fre-
quency SNR (SNRLF) at a given input frequency (fINPUT) due to
jitter (tJRMS) can be calculated by
SNRHF = −10 log[(2π × fINPUT × tJRMS)2 + 10
]
)
10
/
(
LF
SNR
−
In the previous equation, the rms aperture jitter represents the
clock input jitter specification. IF undersampling applications
are particularly sensitive to jitter, as illustrated in Figure 56.
80
75
70
65
60
55
50
45
1
10
100
1k
FREQUENCY (MHz)
0.5ps
0.2ps
0.05ps
1.0ps
1.5ps
2.0ps
2.5ps
3.0ps
Figure 56. SNR vs. Input Frequency and Jitter
The clock input should be treated as an analog signal in cases in
which aperture jitter may affect the dynamic range of the AD9231.
To avoid modulating the clock signal with digital noise, keep
power supplies for clock drivers separate from the ADC output
driver supplies. Low jitter, crystal-controlled oscillators make the
best clock sources. If the clock is generated from another type of
source (by gating, dividing, or another method), it should be
retimed by the original clock at the last step.
For more information, see the AN-501 Application Note and the
AN-756 Application Note available on www.analog.com.
CHANNEL/CHIP SYNCHRONIZATION
The AD9231 has a SYNC input that offers the user flexible
synchronization options for synchronizing sample clocks
across multiple ADCs. The input clock divider can be enabled
to synchronize on a single occurrence of the SYNC signal or on
every occurrence. The SYNC input is internally synchronized
to the sample clock; however, to ensure there is no timing
uncertainty between multiple parts, the SYNC input signal should
be externally synchronized to the input clock signal, meeting the
setup and hold times shown in Table 5. Drive the SYNC input
using a single-ended CMOS-type signal.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 57, the analog core power dissipated by
the AD9231 is proportional to its sample rate. The digital
power dissipation of the CMOS outputs are determined
primarily by the strength of the digital drivers and the load
on each output bit.
The maximum DRVDD current (IDRVDD) can be calculated as
IDRVDD = VDRVDD × CLOAD × fCLK × N
where N is the number of output bits (26, in the case of the
AD9231).
This maximum current occurs when every output bit switches
on every clock cycle, that is, a full-scale square wave at the Nyquist
frequency of fCLK/2. In practice, the DRVDD current is estab-
lished by the average number of output bits switching, which
is determined by the sample rate and the characteristics of the
analog input signal.
Reducing the capacitive load presented to the output drivers can
minimize digital power consumption. The data in Figure 57 was
taken using the same operating conditions as those used for the
Typical Performance Characteristics, with a 5 pF load on each
output driver.
50
70
90
110
130
150
0
1020304050
60
708
CLOCK RATE (MSPS)
0
AD9231-20
AD9231-40
AD9231-65
AD9231-80
Figure 57. Analog Core Power vs. Clock Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com