Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 32 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 28Page - SMSC Corporation CAP1014 Datasheet HTML 29Page - SMSC Corporation CAP1014 Datasheet HTML 30Page - SMSC Corporation CAP1014 Datasheet HTML 31Page - SMSC Corporation CAP1014 Datasheet HTML 32Page - SMSC Corporation CAP1014 Datasheet HTML 33Page - SMSC Corporation CAP1014 Datasheet HTML 34Page - SMSC Corporation CAP1014 Datasheet HTML 35Page - SMSC Corporation CAP1014 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.65 (08-11-09)
32
SMSC CAP1014
DATASHEET
38h
R/W
(unlock)
Button Noise
Threshold 1
Stores controls for selecting the
noise threshold for buttons 1 - 4
55h
Page 56
39h
R/W
(unlock)
Button Noise
Threshold 2
Stores controls for selecting the
noise threshold for buttons 5 - 7
and the Grouped sensors
55h
Page 56
3Ah
R/W
(unlock)
Lid Closure
Threshold 1
Stores controls for selecting the lid
closure threshold for buttons 1 - 4
AAh
Page 57
3Bh
R/W
(unlock)
Lid Closure
Threshold 2
Stores controls for selecting the lid
closure threshold for buttons 5 - 8
AAh
Page 57
3Ch
R/W
(unlock)
Lid Closure
Threshold 3
Stores controls for selecting the lid
closure threshold for buttons 9 - 12
AAh
Page 57
3Dh
R/W
(unlock)
Lid Closure
Threshold 4
Stores controls for selecting the lid
closure threshold for buttons 13 -
14
0Ah
Page 57
3Eh
R/W
Slider Velocity
Configuration
Determines speed parameters for
the slider
C5
Page 59
4Fh
R/W
Sampling
Configuration
Changes the sampling time for one
or more input channels
00h
Page 60
50h
R
Sensor 1 Base Count
Stores the reference count value
for sensor 1
00h
Page 61
51h
R
Sensor 2 Base Count
Stores the reference count value
for sensor 2
00h
Page 61
52h
R
Sensor 3 Base Count
Stores the reference count value
for sensor 3
00h
Page 61
53h
R
Sensor 4 Base Count
Stores the reference count value
for sensor 4
00h
Page 61
54h
R
Sensor 5 Base Count
Stores the reference count value
for sensor 5
00h
Page 61
55h
R
Sensor 6 Base Count
Stores the reference count value
for sensor 6
00h
Page 61
56h
R
Sensor 7 Base Count
Stores the reference count value
for sensor 7
00h
Page 61
57h
R
Sensor 8 Base Count
Stores the reference count value
for sensor 8
00h
Page 61
58h
R
Sensor 9 Base Count
Stores the reference count value
for sensor 9
00h
Page 61
59h
R
Sensor 10 Base
Count
Stores the reference count value
for sensor 10
00h
Page 61
5Ah
R
Sensor 11 Base
Count
Stores the reference count value
for sensor 11
00h
Page 61
5Bh
R
Sensor 12 Base
Count
Stores the reference count value
for sensor 12
00h
Page 61
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com