Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 64 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 64 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 60Page - SMSC Corporation CAP1014 Datasheet HTML 61Page - SMSC Corporation CAP1014 Datasheet HTML 62Page - SMSC Corporation CAP1014 Datasheet HTML 63Page - SMSC Corporation CAP1014 Datasheet HTML 64Page - SMSC Corporation CAP1014 Datasheet HTML 65Page - SMSC Corporation CAP1014 Datasheet HTML 66Page - SMSC Corporation CAP1014 Datasheet HTML 67Page - SMSC Corporation CAP1014 Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.65 (08-11-09)
64
SMSC CAP1014
DATASHEET
Bit 4 - LED5_DR - Determines whether LED5 output is driven high or low.
Bit 3 - LED4_DR - Determines whether LED4 output is driven high or low.
Bit 2 - LED3_DR - Determines whether LED3 output is driven high or low.
Bit 1 - LED2_DR - Determines whether LED2 output is driven high or low.
Bit 0 - LED1_DR - Determines whether LED1 output is driven high or low.
5.37.2
LED Output Control 2
Bit 2 - LED11_DR - Determines whether LED11 is active or not. This LED cannot be linked to a
Capacitive Touch Sensor.
‘0’ (default) - The LED11 output is in High Z and LED will be inactive.
‘1’ - The LED11 output is driven low and the LED will be active.
Bit 1 - LED10_DR - Determines whether LED10 is active or not. If this LED is linked to the Group of
sensors, then LED9 is automatically linked to the Group if sensors.
‘0’ (default) - The LED10 output is in High Z and LED will be inactive. If linked to the Group of
Capacitive Touch sensors, then it will remain inactive when actuated.
‘1’ - The LED10 output is driven low and the LED will be active. If linked to Group of Capacitive
Touch sensors, it will be in High-Z until it is actuated. At this point it will be driven low and the LED
will be active.
Bit 0 - LED9_DR - Determines whether LED9 is active or not.
‘0’ (default) - The LED9 output is in High Z and LED will be inactive. If linked to the Group of
Capacitive Touch sensors, then it will remain inactive when actuated.
‘1’ - The LED9 output is driven low and the LED will be active. If linked to Group of Capacitive
Touch sensors, it will be in High-Z until it is actuated. At this point it will be driven low and the LED
will be active.
5.38
LED Polarity Registers
The LED Polarity registers control the logical polarity of the LED outputs.
APPLICATION NOTE: The polarity controls determine the final LED pin drive. A touch on a linked Capacitive Touch
Sensor is treated in the same way as the LED Output Control bit being set to a logic ‘1’.
APPLICATION NOTE: For LED operation, the duty cycle settings determine the % of time that the LED pin will be
driven to a logic ‘1’ state in a non-inverted system or to a logic ‘0’ state in an inverted system.
The duty cycle settings operate independently of the polarity controls. Therefore, the Max
Duty Cycle settings define the maximum % of time that the LED pin will be driven high in a
non-inverted system while the Min Duty Cycle settings determine the minimum % of time that
the LED pin will be driven high in a non-inverted system.
Table 5.55 LED Polarity Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
75h
R/W
LED Polarity
1
LED8_
POL
LED7_
POL
LED6_
POL
LED5_
POL
LED4_
POL
LED3_
POL
LED2_
POL
LED1_
POL
00h
76h
R/W
LED Polarity
2
--
-
-
-
LED11_
POL
LED10_
POL
LED9_
POL
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com