Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 72 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 72 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 68Page - SMSC Corporation CAP1014 Datasheet HTML 69Page - SMSC Corporation CAP1014 Datasheet HTML 70Page - SMSC Corporation CAP1014 Datasheet HTML 71Page - SMSC Corporation CAP1014 Datasheet HTML 72Page - SMSC Corporation CAP1014 Datasheet HTML 73Page - SMSC Corporation CAP1014 Datasheet HTML 74Page - SMSC Corporation CAP1014 Datasheet HTML 75Page - SMSC Corporation CAP1014 Datasheet HTML 76Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.65 (08-11-09)
72
SMSC CAP1014
DATASHEET
5.43
LED Breathe Period Register
The LED Breathe Period register determines the overall period of a breathe operation as determined
by the LED_CTL registers (see Table 5.59 - setting 11b). Each LSB represents 32ms so that a setting
of 14h (20d) would represent a period of 640ms. The total range is from 32ms to 4.06 seconds (see
Table 5.61).
5.44
LED Pulse Configuration Register
The LED Pulse Configuration register controls the number of pulses that are sent for the Pulse 1 and
Pulse 2 LED output behaviors.
Bits 5 - 3 - PULSE2_CNT[2:0] - Determines the number of pulses used for the Pulse 2 behavior as
shown in Table 5.65. The default is 100b.
Bits 2 - 0 - PULSE1_CNT[2:0] - Determines the number of pulses used for the Pulse 1 behavior as
shown in Table 5.65.
Figure 5.4 Pulse 2 Behavior with Inverted Polarity
Table 5.63 LED Behavior Registers
ADDR
R/W
REGISTER
B7
B6B5B4B3B2
B1
B0
DEFAULT
86h
R/W
LED Breathe
Period
-
BR_
PER6
BR_
PER5
BR_
PER4
BR_
PER3
BR_
PER2
BR_
PER1
BR_
PER0
5Dh
Table 5.64 LED Configuration Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
88h
R/W
LED Pulse Config
-
-
PULSE2_CNT[2:0]
PULSE1_CNT[2:0]
24h
Normal –
untouched
operation
Normal –
untouched
operation
Touch Detected
Pulse 2 Max Duty Cycle * Brightness
Pulse 2 Min Duty Cycle * Brightness
5 additional pulses after release
Release Detected
Breathe
and Pulse
Period
(P2_PER)
LED
Brightness
. . .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com