Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 76 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 76 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 72Page - SMSC Corporation CAP1014 Datasheet HTML 73Page - SMSC Corporation CAP1014 Datasheet HTML 74Page - SMSC Corporation CAP1014 Datasheet HTML 75Page - SMSC Corporation CAP1014 Datasheet HTML 76Page - SMSC Corporation CAP1014 Datasheet HTML 77Page - SMSC Corporation CAP1014 Datasheet HTML 78Page - SMSC Corporation CAP1014 Datasheet HTML 79Page - SMSC Corporation CAP1014 Datasheet HTML 80Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.65 (08-11-09)
76
SMSC CAP1014
DATASHEET
The Direct Mode operation is shown determined by the combination of programmed Rise Time, Fall
Time, and Off Delay as shown in Figure 5.5 (non-inverted polarity) and Figure 5.6 (inverted polarity).
These OTP bits are incremented any time the OTP bits are changed once devices are shipped to HP.
11
0
4.0s
11
1
5.0s
Figure 5.5 Direct Mode Behavior for Non-Inverted Polarity
Figure 5.6 Direct Mode Behavior for Inverted Polarity
Table 5.71 Off Delay Settings (continued)
DIR_OFF_DLY [2:0
OFF DELAY
TOFF_DLY
21
0
Normal –
untouched
operation
RISE_RATE
Setting (tRISE)
(100% - Max Duty
Cycle) * Brightness
Touch
Detected
Release
Detected
Off Delay
(tOFF_DLY)
FALL_RATE
Setting (tFALL)
Normal –
untouched
operation
(100% - Min Duty Cycle) *
Brightness
LED
Brightness
Normal –
untouched
operation
RISE_RATE
Setting (tRISE)
Min Duty Cycle * Brightness
Touch
Detected
Release
Detected
Off Delay
(tOFF_DLY)
FALL_RATE
Setting (tFALL)
Normal –
untouched
operation
Max Duty Cycle * Brightness
LED
Brightness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com