Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 44 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 40Page - SMSC Corporation CAP1014 Datasheet HTML 41Page - SMSC Corporation CAP1014 Datasheet HTML 42Page - SMSC Corporation CAP1014 Datasheet HTML 43Page - SMSC Corporation CAP1014 Datasheet HTML 44Page - SMSC Corporation CAP1014 Datasheet HTML 45Page - SMSC Corporation CAP1014 Datasheet HTML 46Page - SMSC Corporation CAP1014 Datasheet HTML 47Page - SMSC Corporation CAP1014 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.65 (08-11-09)
44
SMSC CAP1014
DATASHEET
5.14
Configuration Register
The Configuration register controls general global functionality that affects the entire device.
Bit 7 - TIMEOUT - Enables the timeout and idle functionality of the SMBus protocol.
‘0’ (default) - The SMBus timeout and idle functionality are disabled. The SMBus interface will not
time out if the clock line is held low. Likewise, it will not reset if both the data and clock lines are
held high for longer than 150us. This is used for I2C compliance.
‘1’ - The SMBus timeout and idle functionality are enabled. The SMBus interface will time out if the
clock line is held low for longer than 30ms. Likewise, it will reset if both the data and clock lines
are held high for longer than 150us.
Bit 6 - POS_VOL - Determines the behavior of the POS[6:0] status bits when a Grouped sensor is
activated - see Section 5.4.
‘0’ (default) - The POS[6:0] bits represent position information that indicates which sensor was
touched or the last sensor touched during a slide.
‘1’ - The POS[6:0] bits represent volumetric data. The Position / Volumetric Data register is read /
write.
Bit 5 - BLK_DIG_NOISE - Determines whether the noise threshold is checked when determining
whether to discard samples.
‘0’ - The noise threshold is enabled and checked. If a sample is above the noise threshold, it is not
included in the re-calibration routine.
‘1’ (default) - The noise threshold is disabled. No samples are excluded from the re-calibration
routine.
Bit 4 - BLK_ANA_NOISE - Determines whether the noise flag setting will block a touch detection as
well as the analog calibration routine.
‘0’ (default) - If the analog noise bit is set, then a touch is blocked on the corresponding channel
and will force the analog calibration routine to retry.
‘1’ - A touch is not blocked even if the analog noise bit is set. Likewise, the analog calibration
routine will not retry if the analog noise bit is set.
Bit 3 - MAX_DUR_EN_B - Determines whether the maximum duration recalibration is enabled for non-
grouped sensors.
1
0
0
0
256x
All others
256x
(default = 1111b)
Table 5.20 Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
20h
R/W
Configuration
TIME
OUT
POS_
VOL
BLK
NOISE_
TH
BLK_
NOISE_
DIS
MAX_
DUR_
EN_B
RPT_
EN_B
MAX_
DUR_
EN_G
RPT_
EN_G
2Dh
Table 5.19 C_DSP Bit Decode (continued)
C_DSP[3:0]
DATA SCALING
FACTOR
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com