Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 73 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 73 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 69Page - SMSC Corporation CAP1014 Datasheet HTML 70Page - SMSC Corporation CAP1014 Datasheet HTML 71Page - SMSC Corporation CAP1014 Datasheet HTML 72Page - SMSC Corporation CAP1014 Datasheet HTML 73Page - SMSC Corporation CAP1014 Datasheet HTML 74Page - SMSC Corporation CAP1014 Datasheet HTML 75Page - SMSC Corporation CAP1014 Datasheet HTML 76Page - SMSC Corporation CAP1014 Datasheet HTML 77Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1014
73
Revision 1.65 (08-11-09)
DATASHEET
5.45
LED Pulse and Breathe Duty Cycle Registers
The LED Pulse and Breathe Duty Cycle registers determine the minimum and maximum duty cycle
settings used for the LED for each LED behavior. These settings affect the brightness of the LED when
it is fully off and fully on.
The LED driver duty cycle will ramp up from the minimum duty cycle (see Section 5.45) to the
maximum duty cycle and back down again.
APPLICATION NOTE: Changes to the Duty Cycle settings will be applied immediately. When the respective register
is written, the LED output will be reset to the minimum (or maximum) setting and restarted
at the updated settings.
APPLICATION NOTE: Upon power on reset (or upon release of the RESET pin), the first breath will breathe from
100% (or 0% duty cycle as determined by the polarity registers) to the programmed minimum
(or maximum as determined by the polarity registers) and then proceed normally.
Bits 7 - 4 - LED_X_MAX_DUTY[3:0] - Determines the maximum PWM duty cycle for the LED drivers
as shown in Table 5.67.
Table 5.65 PULSE_CNT Decode
PULSEX_CNT[2:0]
NUMBER OF BREATHS
21
0
00
0
1
00
1
2
01
0
3
01
1
4
1
0
0
5 (default)
10
1
6
11
0
7
11
1
8
Table 5.66 LED Period and Duty Cycle Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
90h
R/W
LED Pulse 1
Duty Cycle
LED_P1_MAX_DUTY[3:0]
LED_P1_MIN_DUTY[3:0]
F0h
91h
R/W
LED Pulse 2
Duty cycle
LED_P2_MAX_DUTY[3:0]
LED_P2_MIN_DUTY[3:0]
F0h
92h
R/W
LED Pulse 3
Duty Cycle
LED_BR_MAX_DUTY[3:0]
LED_BR_MIN_DUTY[3:0]
F0h
93h
R/W
Direct Duty
Cycle
LED_DR_MAX_DUTY[3:0]
LED_DR_MIN_DUTY[3:0]
F0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com