Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 46 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 46 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 42Page - SMSC Corporation CAP1014 Datasheet HTML 43Page - SMSC Corporation CAP1014 Datasheet HTML 44Page - SMSC Corporation CAP1014 Datasheet HTML 45Page - SMSC Corporation CAP1014 Datasheet HTML 46Page - SMSC Corporation CAP1014 Datasheet HTML 47Page - SMSC Corporation CAP1014 Datasheet HTML 48Page - SMSC Corporation CAP1014 Datasheet HTML 49Page - SMSC Corporation CAP1014 Datasheet HTML 50Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.65 (08-11-09)
46
SMSC CAP1014
DATASHEET
Bit 1 - S2_EN - Enables the CS2 input to be included during the sampling cycle.
Bit 0 - S1_EN - Enables the CS1 input to be included during the sampling cycle.
5.16
Button Configuration Register
The Button Configuration Register controls timings associated with the Capacitive Sensor channels 1
- 7 that are not Grouped.
Bits 7 - 4 - MAX_DUR_B [3:0] - (default 1010b) - Determines the maximum time that a button is
allowed to be pressed until the Capacitive Touch sensor is recalibrated as shown in Table 5.23.
Bits 3 - 0 - RPT_RATE_B[3:0] - (default 0100b) Determines the time duration between interrupt
assertions when auto repeat is enabled. The resolution is 35ms the range is from 35ms to 560ms as
shown in Table 5.24.
Table 5.22 Button Configuration Register
ADDR
R/W
REGISTER
B7
B6
B5B4B3B2B1B0
DEFAULT
22h
R/W
Button
Configuration
MAX_DUR_B[3:0]
RPT_RATE_B[3:0]
A4h
Table 5.23 MAX_DUR_B and MAX_DUR_G Bit Decode
MAX_DUR_B[3:0] AND MAX_DUR_G[3:0]
TIME BEFORE
RECALIBRATION
32
1
0
0
0
0
0
560ms
0
0
0
1
840ms
0
0
1
0
1120ms
0
0
1
1
1400ms
0
1
0
0
1680ms
0
1
0
1
2240ms
0
1
1
0
2800ms
0
1
1
1
3360ms
1
0
0
0
3920ms
1
0
0
1
4480ms
1
0
1
0
5600ms
1
0
1
1
6720ms
1
1
0
0
7840ms
1
1
0
1
8906ms
1
1
1
0
10080ms
1
1
1
1
11200ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com