Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 45 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 45 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 41Page - SMSC Corporation CAP1014 Datasheet HTML 42Page - SMSC Corporation CAP1014 Datasheet HTML 43Page - SMSC Corporation CAP1014 Datasheet HTML 44Page - SMSC Corporation CAP1014 Datasheet HTML 45Page - SMSC Corporation CAP1014 Datasheet HTML 46Page - SMSC Corporation CAP1014 Datasheet HTML 47Page - SMSC Corporation CAP1014 Datasheet HTML 48Page - SMSC Corporation CAP1014 Datasheet HTML 49Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1014
45
Revision 1.65 (08-11-09)
DATASHEET
‘0’ - The maximum duration recalibration functionality is disabled. A press may be held indefinitely
and no re-calibration will be performed on any button.
‘1’ (default) - The maximum duration recalibration functionality is enabled. If a press is held for
longer than the MAX_DUR_B bit settings, then the re-calibration routine will be restarted (see
Section 5.16).
APPLICATION NOTE: If the RPT_EN_B bit is updated while a touch is present on a button, then no changes will
be made to the interrupts until that button has been released.
Bit 2 - RPT_EN_B - Determines the interrupt mechanism used when a press is detected on a non-
grouped sensor (button)
‘0’ - An interrupt will be generated when a touch is detected and again when a release is detected.
‘1’ (default) - An interrupt will be generated when a touch is detected and at the programmed repeat
rate so long as the button is pressed.
Bit 1 - MAX_DUR_EN_G - Determines whether the maximum duration recalibration is enabled for
grouped sensors.
‘0’ (default) - The maximum duration recalibration functionality is disabled. A press may be held
indefinitely and no re-calibration will be performed on any button.
‘1’ - The maximum duration recalibration functionality is enabled. If a press is held for longer than
the MAX_DUR_G bit settings, then the re-calibration routine will be restarted (see Section 5.18).
Bit 0 - RPT_EN_G - Determines the interrupt mechanism used when a Press and Hold event is
detected on a grouped sensor
‘0’ (default) - An interrupt will be generated when a Press and Hold event is detected.
‘1’ - An interrupt will be generated when a Press and Hold event is detected and at the programmed
repeat rate so long as the sensor is pressed.
5.15
Sensor Enable Registers
The Sensor Enable registers determine whether a Capacitive Touch Sensor input is included in the
sampling cycle. The length of the sampling cycle is not affected by the number of sensors measured.
Bit 7 - G_EN - Enables all Capacitive Touch Sensors that are grouped to be included during the
sampling cycle.
‘0’ - None of the The grouped sensors are included in the sampling cycle.
‘1’ (default) - All of the grouped sensors are included in the sampling cycle.
Bit 6 - S7_EN - Enables the CS7 input to be included during the sampling cycle.
‘0’ - The CS7 input is not included in the sampling cycle.
‘1’ - The CS7 input is included in the sampling cycle.
Bit 5 - S6_EN - Enables the CS6 input to be included during the sampling cycle.
Bit 4 - S5_EN - Enables the CS5 input to be included during the sampling cycle.
Bit 3 - S4_EN - Enables the CS4 input to be included during the sampling cycle.
Bit 2 - S3_EN - Enables the CS3 input to be included during the sampling cycle.
Table 5.21 Sensor Enable Registers
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
21h
R/W
Sensor Enable
G_EN
S7_EN
S6_EN
S5_EN
S4_EN
S3_EN
S2_EN
S1_EN
FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com