Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 33 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 29Page - SMSC Corporation CAP1014 Datasheet HTML 30Page - SMSC Corporation CAP1014 Datasheet HTML 31Page - SMSC Corporation CAP1014 Datasheet HTML 32Page - SMSC Corporation CAP1014 Datasheet HTML 33Page - SMSC Corporation CAP1014 Datasheet HTML 34Page - SMSC Corporation CAP1014 Datasheet HTML 35Page - SMSC Corporation CAP1014 Datasheet HTML 36Page - SMSC Corporation CAP1014 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
SMSC CAP1014
33
Revision 1.65 (08-11-09)
DATASHEET
5Ch
R
Sensor 13 Base
Count
Stores the reference count value
for sensor 13
00h
Page 61
5Dh
R
Sensor 14 Base
Count
Stores the reference count value
for sensor 14
00h
Page 61
70h
R/W
LED / GPIO Direction
Controls the direction for LED1/
GPIO1 through LED8 / GPIO8
00h
Page 62
71h
R/W
LED / GPIO Output
Type
Controls the output type for LED1
/ GPIO1 through LED8 / GPIO8
00h
Page 62
72h
R
GPIO Input
Stores the pin state of LED1 /
GPIO1 through LED8 / GPIO8
00h
Page 63
73h
R/W
LED Output Control 1
Controls the output state of the
LED drivers 1 - 8
00h
Page 63
74h
R/W
LED Output Control 2
Controls the output state of the
LED drivers 9 - 11
00h
Page 63
75h
R/W
LED Polarity 1
Controls the output polarity of
LEDs 1 - 8
00h
Page 64
76h
R/W
LED Polarity 2
Controls the output polarity of
LEDs 9 - 11
00h
Page 64
80h
R/W
Sensor LED Linking
Controls linking of CS1 - CS7 to
LED channels
00h
Page 66
81h
R/W
LED Behavior 1
Controls the behavior and
response of LEDs 1 - 4
00h
Page 67
82h
R/W
LED Behavior 2
Controls the behavior and
response of LEDs 5 - 8
00h
Page 67
83h
R/W
LED Behavior 3
Controls the behavior and
response of LEDs 9 - 11
00h
Page 67
84h
R/W
LED Pulse 1 Period
Controls the period of each
breathe during a pulse
20h
Page 69
85h
R/W
LED Pulse 2 Period
Controls the period of breath and
pulse release operation
14h
Page 71
86h
R/W
LED Breathe Period
Controls the period of an LED
breathe operation
5Dh
Page 72
88h
R/W
LED Pulse Config
Controls the number of pulses for
the Pulse 1 and Pulse 2 LED
behaviors
24h
Page 72
90h
R/W
LED Pulse 1 Duty
Cycle
Determines the min and max duty
cycle for the pulse operation
F0h
Page 73
91h
R/W
LED Pulse 2 Duty
Cycle
Determines the min and max duty
cycle for the breathe and pulse
release operation
F0h
Page 73
92h
R/W
LED Breathe Duty
Cycle
Determines the min and max duty
cycle for the breathe operation
F0h
Page 73
Table 5.1 Register Set in Hexadecimal Order (continued)
REGISTER
ADDRESS
R/W
REGISTER NAME
FUNCTION
DEFAULT
VALUE
PAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com