Electronic Components Datasheet Search
  English  ▼

X  

CAP1014 Datasheet(PDF) 40 Page - SMSC Corporation

Part # CAP1014
Description  Multiple Channel Capacitive Touch Sensor and LED Driver
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1014 Datasheet(HTML) 40 Page - SMSC Corporation

Back Button CAP1014 Datasheet HTML 36Page - SMSC Corporation CAP1014 Datasheet HTML 37Page - SMSC Corporation CAP1014 Datasheet HTML 38Page - SMSC Corporation CAP1014 Datasheet HTML 39Page - SMSC Corporation CAP1014 Datasheet HTML 40Page - SMSC Corporation CAP1014 Datasheet HTML 41Page - SMSC Corporation CAP1014 Datasheet HTML 42Page - SMSC Corporation CAP1014 Datasheet HTML 43Page - SMSC Corporation CAP1014 Datasheet HTML 44Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.65 (08-11-09)
40
SMSC CAP1014
DATASHEET
5.9
GPIO Status Register
The GPIO Status register bits are set whenever one of the GPIO inputs changes states. If the LEDx /
GPIOx pin is not configured as a GPIO or as an input, then the respective bit will be set to a logic ‘0’.
The bits are cleared when the register is read.
5.10
Group Status Register
The Group Status register indicates that one or more actions was detected on the Grouped sensors.
The detectable actions are described in Section 4.5.
Bit 7 - LID - Indicates that a Lid Closure Event has been detected. This bit is sticky. When it is set, it
will remain set until read. When a Lid Closure Event is detected, all new touches will be blocked.
Bit 6 - MULT - This bit is asserted if one or more touches are being blocked because greater than N
buttons are simultaneously pressed.
Bit 3 - UP - Indicates that a slide was detected on increasing sensors (i.e. Sensor 1 -> Sensor 2 ->
Sensor 3). This bit is also set if a touch (tap or press and hold event) is detected on the “Up” portion
of the slider. If the Group auto-repeat is enabled, then the ALERT pin will be periodically asserted while
a slide or press and hold event is detected. This bit will be cleared when read and re-set when another
interrupt is generated. This bit is cleared automatically if the DOWN bit is set.
Bit 2 - DOWN - Indicates that a slide was detected on decreasing sensors (i.e. Sensor 6 -> Sensor 5
-> Sensor 4). This bit is also set if a touch (tap or press and hold event) is detected on the “Down”
portion of the slider. If the Group auto-repeat is enabled, then the ALERT pin will be periodically
asserted while a slide or press and hold event is detected. This bit will be cleared when read and re-
set when another interrupt is generated. This bit is automatically cleared if the UP bit is set.
Bit 1 - TAP - Indicates that a tap was detected on one of the sensors within the Group. The relative
position of the tap is indicated by the UP and DOWN bits so that a tap on the “UP” side of the group
will assert the UP bit as well as the TAP bit. If the tap event is detected in the “center” of the slider
that is neither “UP” nor “DOWN” then the bit will be set however no interrupt will be generated. This
bit is sticky and will remain set until read.
Bit 0 - PH - Indicates that a press and hold event was detected on one of the sensors within the Group.
the relative position of the press is indicated by the UP and DOWN bits so a touch and hold on the
“UP” side of the group will assert the UP bit as well as the PH bit. If the press and hold event is
detected in the “center” of the slider that is neither “UP” nor “DOWN” then the bit will be set however
no interrupt will be generated. This bit is sticky and will remain set until read. If the condition is still
present, then this bit will be re-set when the interrupt is generated.
Table 5.12 GPIO Status Register
ADDR
R/W
REGISTER
B7B6
B5B4B3
B2
B1
B0
DEFAULT
0Eh
R-C
GPIO Status
GPIO8_
STS
GPIO7_
STS
GPIO6_
STS
GPIO5_
STS
GPIO4_
STS
GPIO3_
STS
GPIO2_
STS
GPIO1_
STS
00h
Table 5.13 GPIO Status Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
0Fh
R-C
Group Status
LID
MULT
-
-
UP
DOWN
TAP
PH
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com