Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 25Page - Infineon Technologies AG TLE7809G Datasheet HTML 26Page - Infineon Technologies AG TLE7809G Datasheet HTML 27Page - Infineon Technologies AG TLE7809G Datasheet HTML 28Page - Infineon Technologies AG TLE7809G Datasheet HTML 29Page - Infineon Technologies AG TLE7809G Datasheet HTML 30Page - Infineon Technologies AG TLE7809G Datasheet HTML 31Page - Infineon Technologies AG TLE7809G Datasheet HTML 32Page - Infineon Technologies AG TLE7809G Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Data Sheet
29
Rev. 3.01, 2008-04-15
TLE7809G
Supply Output for Hall Sensor Supply
12
Supply Output for Hall Sensor Supply
The SUPPLY Output is intended to be used as Hall Sensor supply. In SBC Active and LIN Receive-Only mode
this output can be switched on and off, respectively via an SPI input bit.
Note: The SUPPLY Output needs to be turned-off prior to entering SBC Stop Mode via SPI command as it will
inherit the “on or off state” from the previous operation mode. In case of entering SBC Sleep Mode it is
turned-off automatically.
This output provides an output voltage limitation and is protected against overcurrent and overtemperature. The
protection mechanisms for the low-sides switches also apply for this high-side switch. In case of an overcurrent
shutdown the supply output can be re-activated via SPI command. In order to prevent an unintended shut-down
due to an overcurrent situation when a capacitive load is connected, a specified blanking time after switching-on
has been implemented and is applied directly after activation of this output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com