Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 12Page - Infineon Technologies AG TLE7809G Datasheet HTML 13Page - Infineon Technologies AG TLE7809G Datasheet HTML 14Page - Infineon Technologies AG TLE7809G Datasheet HTML 15Page - Infineon Technologies AG TLE7809G Datasheet HTML 16Page - Infineon Technologies AG TLE7809G Datasheet HTML 17Page - Infineon Technologies AG TLE7809G Datasheet HTML 18Page - Infineon Technologies AG TLE7809G Datasheet HTML 19Page - Infineon Technologies AG TLE7809G Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
TLE7809G
ADC Measurement Interface
Data Sheet
16
Rev. 3.01, 2008-04-15
6
ADC Measurement Interface
The SBC measurement interface comprises a battery measurement unit (high voltage input
V
bat_sense) and an on-
chip temperature sensor. A multiplexer is used to select the desired input channel that is connected to the ADC of
the
μC. This multiplexer is controlled via the SPI interface. Also, the reference voltage V
AREF is provided by the
SBC. The
V
bat_sense input must be protected against voltage transients, like ISO pulses by a resistor in series to
terminal 30.
Figure 9
Simplified Block Diagram of ADC Measurement Interface
6.1
Voltage Measurement
The input voltage is filtered and scaled down to the input voltage range of the ADC converter. The voltage
measurement output code of the ADC can be calculated using the following equation, where
V
SENS is the voltage
at the pin
V
BAT_SENSE and N the resolution of the ADC:
(1)
The input voltage corresponding to the ADC output code
C
VSENS can be calculated with the following equation:
(2)
6.1.1
Voltage Measurement Calibration Concept
Best measurement accuracy can be obtained by applying the calibration function:
(3)
C
VSENS represents the ADC output code for the analog input voltage at the pin VBAT_SENSE. The correction
coefficients c1 and c0 correct for slope variations and offset errors of the measurement transfer function.
During the production test these calibration figures are calculated and stored in the flash memory of the
microcontroller.
VBAT_SENSE
AGND
Voltage
Attenuator
On-Chip
Temperature
Sensor
ADC Driver
Amplifier
VA
Mode
Selection
Mux
ADC
VAREF
CA
P2.7
SBC
μC
CVSENS
round
VSENS
VAREF
----------------1
8
---2
N
1
–
() , 0V VSENS Vbat f
– s
≤≤
=
VSENS
8
V
× AREF
2
N
1
–
-------------------------
C
×
VSENS
=
CVSENSCAL
round c1 CVSENS c0
–
()
[]
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com