Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 30Page - Infineon Technologies AG TLE7809G Datasheet HTML 31Page - Infineon Technologies AG TLE7809G Datasheet HTML 32Page - Infineon Technologies AG TLE7809G Datasheet HTML 33Page - Infineon Technologies AG TLE7809G Datasheet HTML 34Page - Infineon Technologies AG TLE7809G Datasheet HTML 35Page - Infineon Technologies AG TLE7809G Datasheet HTML 36Page - Infineon Technologies AG TLE7809G Datasheet HTML 37Page - Infineon Technologies AG TLE7809G Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
TLE7809G
General Product Characteristics
Data Sheet
34
Rev. 3.01, 2008-04-15
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
16.2
Functional Range
16.3
Thermal Resistance
Table 13
Operating Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
16.2.1
Supply voltage
V
S
3.9
27
V
40 V load dump;
t
≤ 0.4 s;
27V jump start;
t
≤ 60s;
V
S (min) valid for ramp-down
16.2.2
Voltage range at LSx pins
V
LSx
-0.3
27
V
40 V load dump;
t
≤ 0.4s;
can withstand short circuit
to
V
S ≤ 20V
16.2.3
External output current at pin
V
CC ICC_ext
–
5
mA
external loads
16.2.4
Supply voltage slew rate
d
V
S/dt
-0.5
5
V/
μs–
16.2.5
Logic input voltage (TMS, TCK,
TDI, CLKIN)
V
I
-0.3
V
CC +
0.3 V
V–
16.2.6
Output capacitor connected to
V
CC pin
C
CC
1–
μF
ESR < 6
Ω
@
f = 10 kHz;
100 nF in parallel
recommended
16.2.7
SPI clock frequency
f
clk
–4
MHz
–
16.2.8
Junction temperature
T
j
-40
125
°C–
16.2.9
Delay time for operating mode
change
t
chmode
10
–
μs
min. time between 2 SPI
commands; CSN “high”
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
16.3.1
Junction to Soldering Point1)
1) Not subject to production test, specified by design
R
thJSP
–
–
17
K/W
measured to pin
7,8,22
16.3.2
Junction to Ambient1)
R
thJA
–43
–
K/W
2)
2) Specified RthJA value is according to Jedec JESD51-2,-7 at natural convection on FR4 2s2p board; The Product
(Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu, 2 x 35µm Cu).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com