Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 44Page - Infineon Technologies AG TLE7809G Datasheet HTML 45Page - Infineon Technologies AG TLE7809G Datasheet HTML 46Page - Infineon Technologies AG TLE7809G Datasheet HTML 47Page - Infineon Technologies AG TLE7809G Datasheet HTML 48Page - Infineon Technologies AG TLE7809G Datasheet HTML 49Page - Infineon Technologies AG TLE7809G Datasheet HTML 50Page - Infineon Technologies AG TLE7809G Datasheet HTML 51Page - Infineon Technologies AG TLE7809G Datasheet HTML 52Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
TLE7809G
Application Information
Data Sheet
48
Rev. 3.01, 2008-04-15
18
Application Information
18.1
Application Diagram
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device
Figure 19
Application Diagram
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
Note: For inverse-polarity protection / protection against ISO pulses the diode and the 10µF capacitor is required.
18.2
Hints for Unused Pins
•
SUPPLY: connect to
V
S
•
MON1/2/3/4: connect to GND or leave open
•
MON5/HS-LED, LIN: leave open
Double Hall
Sensor
e.g. TLE4966
VBAT_SENSE
VS
GND
VDDC
VCC
LIN
MON1
MON5/HS_LED
M
LS1
LS2
CCPOS0
SUPPLY
CCPOS1
PWM
MON2
MON3
MON4
Speed
Direction
10uF
220nF
1uF
VDDP
100nF
VBAT
LIN
GND
>1k
>1k
>1k
>1k
1k
Logic Level FET
e.g. IPD15No6S2L-64
TLE7809G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com