Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 37Page - Infineon Technologies AG TLE7809G Datasheet HTML 38Page - Infineon Technologies AG TLE7809G Datasheet HTML 39Page - Infineon Technologies AG TLE7809G Datasheet HTML 40Page - Infineon Technologies AG TLE7809G Datasheet HTML 41Page - Infineon Technologies AG TLE7809G Datasheet HTML 42Page - Infineon Technologies AG TLE7809G Datasheet HTML 43Page - Infineon Technologies AG TLE7809G Datasheet HTML 44Page - Infineon Technologies AG TLE7809G Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Data Sheet
41
Rev. 3.01, 2008-04-15
TLE7809G
General Product Characteristics
16.4.90
Bus pull-up resistance
R
bus
20
30
60
k
Ω
Active/Standby Mode
(LIN Spec 1.3 (2.0);
Line 10.2.2 (3.2.2))
16.4.91
LIN output current
I
lin
520
60
μA
Sleep mode;
V
bus = 0 V
Dynamic LIN Transceiver Characteristics3)
16.4.92
Slew rate falling edge
S
fslope
-3
–
-1
V/
μs60% > V
bus > 40%;
1
μs < (τ = R
l × Cbus)
< 5
μs; V
S = 13.5 V;
Active Mode
(LIN Spec 1.3;
Line 10.3.1)
16.4.93
Slew rate rising edge
S
rslope
1–
3V/
μs40% < V
bus < 60%;
1
μs < (τ = R
l × Cbus)
< 5
μs; V
S = 13.5 V;
Active Mode
(LIN Spec 1.3;
Line 10.3.1)
16.4.94
Slope symmetry
t
slopesym
-5
–
5
μs
t
fslope - trslope;
V
S = 13.5 V
(LIN Spec 1.3;
Line 10.3.3)
16.4.95
Propagation delay
TxD LOW to bus
t
d(L),T
–1
4
μs
(LIN Spec 1.3;
Line 10.3.6)
16.4.96
Propagation delay
TxD HIGH to bus
t
d(H),T
–1
4
μs
(LIN Spec 1.3;
Line 10.3.6)
16.4.97
Propagation delay
Bus dominant to RxD
LOW
t
d(L),R
–1
6
μs
C
RxD = 20 pF;
R
RxD = 2.4 kΩ
(LIN Spec 1.3;
Line 10.3.7)
16.4.98
Propagation delay
Bus recessive to RxD
HIGH
t
d(H),R
–1
6
μs
C
RxD = 20 pF;
R
RxD = 2.4 kΩ
(LIN Spec 1.3;
Line 10.3.7)
16.4.99
Receiver delay symmetry
t
sym,R
-2
–
2
μs
t
sym,R = td(L),R - td(H),R
(LIN Spec 1.3;
Line 10.3.8)
16.4.100 Transmitter delay
symmetry
t
sym,T
-2
–
2
μs
t
sym,T = td(L),T - td(H),T
(LIN Spec 1.3;
Line 10.3.9)
16.4.101 Wake-up delay time
t
wake
30
100
150
μs
T
j ≤ 125 °C
16.4.102 TxD dominant time out
t
timeout
612
20
ms
V
TxD = 0 V
16.4.103 TxD dominant time out
recovery time
t
torec
–10
–
μs
V
TxD = 5 V
1)
Table 14
Electrical Characteristics (cont’d)
V
S = 13.5 V, Tj = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com