Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 32Page - Infineon Technologies AG TLE7809G Datasheet HTML 33Page - Infineon Technologies AG TLE7809G Datasheet HTML 34Page - Infineon Technologies AG TLE7809G Datasheet HTML 35Page - Infineon Technologies AG TLE7809G Datasheet HTML 36Page - Infineon Technologies AG TLE7809G Datasheet HTML 37Page - Infineon Technologies AG TLE7809G Datasheet HTML 38Page - Infineon Technologies AG TLE7809G Datasheet HTML 39Page - Infineon Technologies AG TLE7809G Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
TLE7809G
General Product Characteristics
Data Sheet
36
Rev. 3.01, 2008-04-15
16.4.17
Output current limit
I
CCmax
45
–
200
mA
V
CC = 4.5 V;
power transistor thermally
monitored
16.4.18
Drop voltage
V
DR = VS - VCC
V
DR
––
0.3
V
1 mA <
I
CC < 45 mA;
3.9 V <
V
S < 5.1 V
16.4.19
V
CC thermal prewarning
ON temperature
T
jPW
120
145
170
°C
1)
16.4.20
V
CC thermal prewarning
hysteresis
T
jPW_hys
–10
–
K
1)
16.4.21
V
CC thermal shutdown
temperature
T
jSD
155
185
200
°C
1)
16.4.22
V
CC thermal shutdown
hysteresis
T
jSD_hys
20
35
–
K
1)
16.4.23
V
CC ratio of SD to PW
temp.
T
jSD/TjPW
–1.25
–
–
1)
Under-/Overvoltage Detection @
V
bat_sense Pin
16.4.24
Undervoltage Threshold
“ramp-up”
V
UVT_Vbat
7.1
7.65
8.2
V
indicated within SPI output
word; LED Driver turned
off
16.4.25
Undervoltage Threshold
“ramp-down”
V
UVT_Vbat
6.8
7.25
7.65
V
indicated within SPI output
word; LED Driver turned
off
16.4.26
Undervoltage Threshold
hysteresis
V
UVT_Vbat_hys –400
–mV
1)
16.4.27
Overvoltage Threshold
“ramp-up”
V
OVT_Vbat
17.6
18.5
19.4
V
indicated within SPI output
word; LED Driver turned
off
16.4.28
Overvoltage Threshold
“ramp-down”
V
OVT_Vbat
16.6
17.4
18.2
V
indicated within SPI output
word; LED Driver turned
off
16.4.29
Overvoltage threshold
hysteresis
V
OVT_Vbat_hys –1.1
–V
1)
Undervoltage Detection @
V
S Pin
16.4.30
Undervoltage threshold
“ramp-down”
V
UVT_Vs
5.8
6.5
7.2
V
indicated within SPI output
word
16.4.31
Undervoltage threshold
hysteresis
V
UVT_Vs_hys
–250
–mV
1)
SBC Oscillator
16.4.32
Internal cycling time
t
CYL
3.2
3.9
4.8
μs
internal oscillator
f
OSC = 256 kHz (typ.)
Table 14
Electrical Characteristics (cont’d)
V
S = 13.5 V, Tj = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com