Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 10Page - Infineon Technologies AG TLE7809G Datasheet HTML 11Page - Infineon Technologies AG TLE7809G Datasheet HTML 12Page - Infineon Technologies AG TLE7809G Datasheet HTML 13Page - Infineon Technologies AG TLE7809G Datasheet HTML 14Page - Infineon Technologies AG TLE7809G Datasheet HTML 15Page - Infineon Technologies AG TLE7809G Datasheet HTML 16Page - Infineon Technologies AG TLE7809G Datasheet HTML 17Page - Infineon Technologies AG TLE7809G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
TLE7809G
Operating Modes
Data Sheet
14
Rev. 3.01, 2008-04-15
4.5.3
SBC Stop Mode with Cyclic Wake
The SBC Stop Mode has the advantage of reducing the current consumption to a minimum, while supplying the
microcontroller with its quiescent current during its power saving mode (“Stop”). This mode is entered via SPI
command, and turns-off the integrated LIN bus transceiver, but the voltage regulator remains active.
The SBC periodically generates a wake-up “low” pulse at DO (“interconnect signal”) that is connected to an
interrupt input [P1.4] of the microcontroller. This period can be defined via the “cyclic wake period” bit field within
the SPI register. This pulse at DO has a length of two internal SBC cycles.
In case of a detected wake-up event via LIN message or any of the MONx pins, DO stays “low” until the first valid
SPI command.
Note: The window watchdog is automatically disabled once the LDO output current goes below a specified
“watchdog current threshold”, unless the SPI setting “WD On/Off” prevents this (see Figure 10).
Note: A wake-up event via LIN message or via MONx inputs can happen independently of the cyclic wake phase.
Note: The Window Watchdog starts with a “long open window” after a mode switch, e.g. to SBC Active Mode.
Figure 8
State Diagram “SBC Stop Mode with Cyclic Wake”
µC 1)
Start Up
Power Up
SBC Active Mode
MS2
ON
Vcc
MS1
01
MS0
0 / 1
STOP: Cyclic Wake
MS2
ON
Vcc
MS1
11
MS0
1
cyclic wake-up
„single“ µController SPI -Command:
- select „cyclic wake timing“ via SPI Timing Bits
- select SBC Stop Mode via SPI Mode Bits
- window watchdog activation / deactivation via SPI
[„off“ once current consumption below threshold ]
µC wake-up inputs
1) window watchdog activated
automatically once current
threshold is exceeded
select SBC
operating
mode
SBC Standby Mode
ON
Vcc
transition caused by:
2)
- event at MONx inputs:
=> DO „low“
- LIN message
=> RxD + DO „low“
[SPI indicates source]
2) wake-up via MONx inputs and
LIN message independent of cyclic
wake phase („asynchronous“)
NOTES:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com