Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 7Page - Infineon Technologies AG TLE7809G Datasheet HTML 8Page - Infineon Technologies AG TLE7809G Datasheet HTML 9Page - Infineon Technologies AG TLE7809G Datasheet HTML 10Page - Infineon Technologies AG TLE7809G Datasheet HTML 11Page - Infineon Technologies AG TLE7809G Datasheet HTML 12Page - Infineon Technologies AG TLE7809G Datasheet HTML 13Page - Infineon Technologies AG TLE7809G Datasheet HTML 14Page - Infineon Technologies AG TLE7809G Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Data Sheet
11
Rev. 3.01, 2008-04-15
TLE7809G
Operating Modes
4.3
SBC Active Mode “LIN Sleep”
In SBC Active Mode “LIN Sleep” the SBC’s current consumption is reduced by disabling the LIN transceiver.
This also means that the internal pull-up resistor of the LIN transceiver is turned off in SBC Active Mode “LIN
Sleep”. During this mode the LIN transceiver remains its wake-up capability in order to react on a remote frame or
wake-up pulse (specified in LIN Specification V2.0) from the master node or other slave nodes. In case of a wake-
up event via LIN message the (internal) RxD is pulled “low” and the “bus wake-up bit” within the SPI status word
is set. However, the LIN transceiver needs to be activated by switching to “SBC Active Mode”.
4.4
LIN Receive-Only Mode (“LIN RxD-Only”)
The LIN Receive-Only Mode (“LIN RxD-Only”) is designed for a special test procedure to check the bus
connections. Figure 5 shows a network consisting of 5 nodes. Node 1 is the LIN master node, the others are LIN
slave nodes. If the connection between node 1 and node 3 shall be tested, the nodes 2, 4 and 5 are switched into
LIN Receive-Only Mode. Node 1 and node 3 are in Active Mode. If node 1 sends a message (“remote frame”),
node 3 is the only node which is physically able to reply to the remote frame. The other nodes have their outputs
drivers disabled.
The main difference between the SBC Active Mode and the LIN Receive-Only Mode is that the LIN transmit
stage is automatically turned-off in LIN Receive-Only-Mode. However, the LIN receiver is still active in both modes.
Figure 5
Network Diagram “LIN Receive-Only Mode”
1
2
5
4
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com