Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 40Page - Infineon Technologies AG TLE7809G Datasheet HTML 41Page - Infineon Technologies AG TLE7809G Datasheet HTML 42Page - Infineon Technologies AG TLE7809G Datasheet HTML 43Page - Infineon Technologies AG TLE7809G Datasheet HTML 44Page - Infineon Technologies AG TLE7809G Datasheet HTML 45Page - Infineon Technologies AG TLE7809G Datasheet HTML 46Page - Infineon Technologies AG TLE7809G Datasheet HTML 47Page - Infineon Technologies AG TLE7809G Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
TLE7809G
Timing Diagrams
Data Sheet
44
Rev. 3.01, 2008-04-15
17
Timing Diagrams
Figure 13
SPI-Data Transfer Timing
16.4.135 Measurement accuracy
after
μController-based
calibration
T
J
-15
–
15
°C-40 °C < T
J < 125°C
16.4.136 Settling time
Tset
––
30
μs
4) after measurement
mode change; CSN “high”
to settled output voltage at
interconnect
V
A
1) Not subject to production test, specified by design.
2) normal operation continuous current should not exceed 300mA (for each low-side LS1 and LS2)
3) Production testing in 20 kbit/s mode
4)
Tested on wafer level only.
Table 14
Electrical Characteristics (cont’d)
V
S = 13.5 V, Tj = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
0
0
+
1 2 3 4 5 6 7 8 9 10
15
1
+
0
-
1
-
2
-
0
3
-
4
-
5
-
6
-
11
-
12
-
13
-
14
-
7
-
8
-
9
-
10
-
15
-
FI
FI
-
CSN high to low: DO is enabled. Status information transferred to output shift register
CSN low to high: data from shift register is transferred to output functions
DI: will accept data on the falling edge of CLK signal
DO: will change state on the rising edge of CLK signal
Previous status
11 12 13 14
1
Actual data
New data
Actual status
Actual data
Old data
e.g. HS switch
DO
DI
CSN
CLK
time
time
time
time
time
FO
FO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com