Electronic Components Datasheet Search
  English  ▼

X  

TLE7809G Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE7809G
Description  Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7809G Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE7809G Datasheet HTML 36Page - Infineon Technologies AG TLE7809G Datasheet HTML 37Page - Infineon Technologies AG TLE7809G Datasheet HTML 38Page - Infineon Technologies AG TLE7809G Datasheet HTML 39Page - Infineon Technologies AG TLE7809G Datasheet HTML 40Page - Infineon Technologies AG TLE7809G Datasheet HTML 41Page - Infineon Technologies AG TLE7809G Datasheet HTML 42Page - Infineon Technologies AG TLE7809G Datasheet HTML 43Page - Infineon Technologies AG TLE7809G Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
TLE7809G
General Product Characteristics
Data Sheet
40
Rev. 3.01, 2008-04-15
16.4.82
Receiver hysteresis
V
bus,hys
0.02
×
V
S
0.04
×
V
S
0.1
×
V
S
V
V
bus,hys =
V
bus,rec - Vbus,dom
(LIN Spec 1.3 (2.0);
Line 10.1.12 (3.1.12))
16.4.83
Wake-up threshold
voltage
V
wake
0.4
×
V
S
0.5
×
V
S
0.6
×
V
S
V–
16.4.84
RxD filter time
t
RxD_filter
–0.85
–
µs
1) Note: RC filter between
LIN and RxD signal
LIN Bus Transmitter
16.4.85
Bus serial diode voltage
drop
V
serdiode
0.4
0.7
1.0
V
V
TxD = high Level
16.4.86
Bus dominant output
voltage
V
bus,dom
––
1.2
V
V
TxD = 0 V; VS = 7 V;
R
L = 500 Ω;
(LIN Spec 1.3;
Line 10.1.13)
––
2.0
V
V
S = 18 V;
R
L = 500 Ω;
(LIN Spec 1.3;
Line 10.1.14)
16.4.87
Bus dominant output
voltage
V
bus,dom
0.6
–
–
V
V
TxD = 0 V; VS = 7 V;
R
L = 1 kΩ;
(LIN Spec 1.3;
Line 10.1.15)
0.8
–
–
V
V
S = 18 V; RL = 1 kΩ;
(LIN Spec 1.3;
Line 10.1.16)
16.4.88
Bus short circuit current
(current limitation)
I
bus,sc
40
100
150
mA
V
bus,short = 18 V;
(LIN Spec 1.3 (2.0);
Line 10.1.4 (3.1.4))
16.4.89
Leakage current
I
bus,lk
-500
-140
–
μA
V
S = 0 V; Vbus = -8 V
(LIN Spec 1.3 (2.0);
Line 10.1.7 (3.1.7))
–10
25
μA
V
S = 0 V; Vbus = 18 V
(LIN Spec 1.3 (2.0);
Line 10.1.8 (3.1.8))
-1
–
–
mA
V
S = 18 V; Vbus = 0 V
(LIN Spec 1.3 (2.0);
Line 10.1.5 (3.1.5))
––
20
μA
V
S = 8 V; Vbus = 18 V
(LIN Spec 1.3 (2.0);
Line 10.1.6 (3.1.6))
Table 14
Electrical Characteristics (cont’d)
V
S = 13.5 V, Tj = -40 °C to +125 °C, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com