Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ST2204
Ver 0.6
6/24
2008/11/10
5
5.. D
DE
EV
VIIC
CE
E IIN
NF
FO
OR
RM
MA
AT
TIIO
ON
N
1.
Pad size:
90um x 90um
2.
Substrate: GND
3.
Chip size: 3120um x 3490um
PAD
No.
Symbol
X
Y
1
TEST1
1445
1669.3
2
A14
1320
1669.3
3
A15
1195
1669.3
4
A16
1085
1669.3
5
PL0
975
1669.3
6
PL1
865
1669.3
7
PL2
755
1669.3
8
PL3
645
1669.3
9
PL4
535
1669.3
10
PL5
425
1669.3
11
PL6
315
1669.3
12
PL7
205
1669.3
13
BLANK
95
1669.3
14
POFF
-15
1669.3
15
RESET
-125
1669.3
16
XMD
-235
1669.3
17
VIN
-345
1669.3
18
VCC
-455
1669.3
19
XIO
-565
1669.3
20
OSCI
-675
1669.3
21
OSCXO
-785
1669.3
22
OSCXI
-895
1669.3
23
GND
-1005
1669.3
24
PA0
-1130
1669.3
25
PA1
-1255
1669.3
26
LVR
\ICE1
-1485
1674.8
27
PA2
-1485
1549.8
28
MMD
-1485
1424.8
29
PA3
-1485
1289.8
30
PA4
-1485
1179.8
31
PA5
-1485
1069.8
32
PA6
-1485
959.8
33
PA7
-1485
849.8
34
PB0
-1485
739.8
35
PB1
-1485
629.8
PAD
No.
Symbol
X
Y
36
PB2
-1485
519.8
37
PB3
-1485
409.8
38
PB4
-1485
299.8
39
PB5
-1485
189.8
40
PB6
-1485
79.8
41
PB7
-1485
-30.3
42
PC0
-1485
-140.3
43
PC1
-1485
-250.3
44
PC2
-1485
-360.3
45
PC3
-1485
-470.3
46
PC4
-1485
-580.3
47
PC5
-1485
-690.3
48
PC6
-1485
-800.3
49
PC7
-1485
-910.3
50
ICE2
-1485
-1020.3
51
GND
-1485
-1130.3
52
PGND
-1485
-1294.3
53
PSGO
-1485
-1419.3
54
PSGOB
-1485
-1544.3
55
PVCC
-1485
-1669.3
56
PE0
-1243.4
-1669.3
57
PE1
-1118.4
-1669.3
58
PE2
-993.4
-1669.3
59
PE3
-883.4
-1669.3
60
PE4
-773.4
-1669.3
61
PE5
-663.4
-1669.3
62
PE6
-553.4
-1669.3
63
PE7
-443.4
-1669.3
64
PD0
-333.4
-1669.3
65
PD1
-223.4
-1669.3
66
PD2
-113.4
-1669.3
67
PD3
-3.4
-1669.3
68
PD4
106.6
-1669.3
69
PD5
216.6
-1669.3
70
PD6
326.6
-1669.3
PAD
No.
Symbol
X
Y
71
PD7
436.6
-1669.3
72
WR
546.6
-1669.3
73
RD
656.6
-1669.3
74
GND
766.6
-1669.3
75
D7
876.6
-1669.3
76
D6
986.6
-1669.3
77
D5
1096.6
-1669.3
78
D4
1206.6
-1669.3
79
D3
1331.6
-1669.3
80
ICE3
1456.6
-1669.3
81
TEST2
1485
-1453.3
82
D2
1485
-1328.3
83
D1
1485
-1203.3
84
D0
1485
-1093.3
85
A0
1485
-983.3
86
A1
1485
-873.3
87
A2
1485
-763.3
88
A3
1485
-653.3
89
A4
1485
-543.3
90
A5
1485
-433.3
91
A6
1485
-323.3
92
A7
1485
-213.3
93
A17
1485
-103.3
94
VCC
1485
6.8
95
A18
1485
116.8
96
A19
1485
226.8
97
A20
1485
336.8
98
A21
1485
446.8
99
A22
1485
556.8
100
A8
1485
666.8
101
A9
1485
776.8
102
A10
1485
886.8
103
A11
1485
996.8
104
A12
1485
1106.8
105
A13
1485
1231.8
106
LOAD2
1485
1356.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com