Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ST2204
Ver 0.6
13/24
2008/11/10
1
12
2.. L
LC
CD
D C
CO
ON
NT
TR
RO
OL
LL
LE
ER
R ((L
LC
CD
DC
C))
The LCD controller (LCDC) provides display data and
specific signals for external LCD drivers to drive the STN
LCD panels. The LCDC fetches display data directly from
internal system memory through one unique memory bus.
The special designed internal bus shares almost none of
the CPU resources to make both fast display data process
and high speed CPU operation possible. Both
black-and-white and 4-gray-level are supported and is
selected by GL[0] of control register LCTR.
The ST2204 builds in 10K bytes SRAM, so the maximum
panel size can be 320x240 for B/W and 240x160 for
4-gray-level mode. The LCDC also supports software
gray-level up to 31 levels for displaying pictures and photos.
The ST2204 supports 1- and 4-bit data bus for the
compatibility of most popular LCD drivers. The LCD output
signals are shared with Port-L., and are controlled by LCD
power control bit LPWR (LCTL[7]) and data bus selection
bit LMOD (LCK[4]). In case of 1-bit mode, PL3~1 of Port-L
can still be used for general purpose.
Note: The LCD signals will be disconnected and
Port-L will output values assigned by PL
after clearing LPWR.
Various functions are also supported to rich the display
information, including virtual screen, panning, scrolling,
contrast control and an alternating signal generator. Control
registers used by LCDC are listed below.
12.1 LCD Specific Signals
The following signals are generated by LCDC to connect
the ST2204 and an LCD panel. Two of them are dedicated
output pins, while the rest eight pins are multiplexed with
Port-L.
FLM (PL7)
The LCD frame marker signal indicates the start of a new
display frame. FLM becomes active after the last line pulse
of the frame and remains active until the next line pulse, at
which point it de-asserts and remains inactive until the next
frame.
LOAD1 (PL6)
The LCD line pulse signal is used to latch a line of shifted
data to the segment drivers’ outputs and is also used to
shift the line enable signal of common driver. All the driver
outputs then control the liquid crystal to form the desired
frame on panel.
AC (PL5)
The LCD alternate signal toggles the polarity of liquid
crystal on the panel. This signal can be programmed to
toggle for a period of 1 to 31 lines or one frame.
CP (PL4)
The LCD shift clock pulse signal is the clock output to which
the output data to the LCD panel is synchronized. Data for
segment drivers is shifted into the internal line buffer at
each falling edge of CP.
LD3~0 (PL3~0)
The LCD data bus lines transfer pixel data to the LCD panel
so that it can be displayed. Two kinds of data busses, 1-
and 4-bit, are supported and are controlled by LMOD
(LCK[4]). In case of 1-bit mode, LMOD should be cleared
and the LCDC uses only LD0 to transfer data. LD3~1 can
still be programmed to be normal inputs or outputs. The
output pixel data can be inverted through programming.
Setting REV (LCTR) will reverse the output data on data
bus.
POFF (Power control)
The LCD power control signal is used to turn on/off the
external DC-DC converter, which generates a high voltage
for driving liquid crystal. POFF outputs “1” when clearing
LPWR
(LCTR), and outputs “0” by setting this bit, which is
also the default value.
BLANK (Contrast control)
The LCD blank signal is used to control the contrast of
display by setting contrast level in LPWM[5:0] with “00000”
(default) represents a maximum level and “11111” is for
minimum. The BLANK signal achieves this function by
outputting a PWM signal according to the settings of
contrast.
Besides contrast control, BLANK signal plays another role
of turning display off. This is controlled by register bit BLNK
(LCTR). Setting BLNK bit will make BLANK signal to
output “0” to blank the display regardless of contrast control.
Setting BLNK bit will enable the PWM contrast control and
of course the BLANK signal. If LPWMTR[5:0] are all zeros,
BLANK signal will stay at high level with no PWM
modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com