Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ST2204
Ver 0.6
19/24
2008/11/10
1
17
7.. P
PO
OW
WE
ER
R D
DO
OW
WN
N M
MO
OD
DE
ES
S
ST2204 has three power down modes: WAI-0, WAI-1 and
STP. The instruction WAI will enable either WAI-0 or WAI-1,
which is controlled by WAIT (SYS[2]). And the instruction
STP will enable STP mode in the same manner. WAI-0 and
WAI-1 modes can be waked up by interrupt. However, STP
mode can only be waked up by hardware reset.
17.1 WAI-0 Mode:
If WAIT is cleared, WAI instruction makes MCU enter WAI-0
mode. In the mean time, the oscillator, interrupts,
timer/counter, and PSG are still working. On the other hand
CPU and the related instruction execution stop. All registers,
RAM, and I/O pins will retain the same states as those
before the MCU entered power down mode. WAI-0 mode
can be waked up by reset or interrupt request even If user
sets interrupt disable flag I. In that case MCU will be waked
up but not entering interrupt service routine. If interrupt
disable flag is cleared (I=’0’), the corresponding interrupt
vector will be fetched and the service routine will be
executed. The sample program is shown below:
LDA
#$00
STA
<SYS
WAI
; WAI 0 mode
17.2 WAI-1 Mode:
If WAIT is set, WAI instruction makes MCU enter WAI-1
mode. In this mode, CPU stops, but the PSG, timer/counter
keep running if their clock sources are from OSCX. The
wake-up procedure is the same as for WAI-0. The
difference is that the warm-up cycles occur when waking
from WAI-1. Sample program is shown as following:
LDA
#$04
STA
<SYS
WAI
; WAI 1 mode
17.3 STP Mode:
STP instruction will force MCU to enter stop mode. In this
mode, MCU stops, but PSG, timer/counter won’t stop if the
clock source is from OSCX. In power-down mode, MCU
can only be waked up by hardware reset, and the warm-up
cycles occur at the same time.
FIGURE 17-1 Status Under Power Down Modes
SYSCK source is OSC:
Mode
Timer0,1
SYSCK
LCD
OSC
OSCX
Base
Timer
RAM
REG.
I/O
Wake-up condition
WAI-0
Retain
Reset, Any interrupt
WAI-1
Stop
Stop
Stop
Stop
Retain
Reset, Any interrupt
STP
Stop
Stop
Stop
Stop
Retain
Reset
SYSCK source is OSCX:
Mode
Timer0,1
SYSCK
OSC
OSCX
Base
Timer
RAM
REG.
I/O
LCD
Wake-up condition
WAI-0
Retain
Wrong Frame
Reset, Any interrupt
WAI-1
Stop
Stop
Retain
Stop
Reset, Any interrupt
STP
Stop
Stop
Retain
Stop
Reset
***notice:
If high frequency was optioned to crystal mode (not RC
oscillator), system clock need to be switched to low
frequency (32768Hz) before into WAI1 mode.
smb7
<SYS
;; Change to OSCX
bbr7
<SYS,$
;; Wait OSCX stable
smb6
<SYS
;; OSC OFF
wai
;; sleep
;;after wake up.
rmb6
<SYS
;; OSC ON.
jsr
WAIT_8ms ;; For OSC stable.
rmb7
<SYS
;; Change to OSC
bbs7
<SYS,$
;; Wait OSC stable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com