Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 14 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 14 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ST2204
Ver 0.6
14/24
2008/11/10
12.2 Mapping the Display Data
The screen width and height of the LCD panel are
programmable through software. Although the maximum
screen size can be up to 1024x512, the actual supported
resolution is limited by the display buffer size, which is also
the internal RAM size, and is 10K bytes. Instead of screen
size specified by control registers, larger frame can also be
displayed via the Virtual Page Width setting. FIGURE 12-1
illustrates the relationship between the portion of a large
graphic to be displayed on the screen and the actual area
that can be seen.
Each one or two bits in the display memory correspond to a
pixel on the LCD panel. TABLE 12-2 shows the mapping of
the display data to the LCD. When clear control bit GL[0]
(LCTR[2]) and enable B/W mode, every bit of display buffer
represents one pixel on the screen. In case of setting GL[0]
and enable 4-gray-level mode, there will be two bits to
present each pixel on the screen.
When in 4-gray-level mode, there are two kinds of light
gray,1/2 and 1/3, can be selected by GL[1] (LCTR[3]).
Refer to TABLE 12-2 for the relationship of data bits and the
displayed pixel.
FIGURE 12-1 LCD Screen Format
TABLE 12-1 Mapping Memory Data on the Screen
A. 1-bit-per-pixel mode
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit7
Bit6
…
Pixel
[0,0]
Pixel
[1,0]
Pixel
[2,0]
Pixel
[3,0]
Pixel
[4,0]
Pixel
[5,0]
Pixel
[6,0]
Pixel
[7,0]
Pixel
8,0]
Pixel
[9,0]
…
:
:
:
:
:
:
:
:
:
:
…
B. 2-bit-per-pixel mode
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Bit7
Bit6
…
Pixel
[0,0]
Pixel
[1,0]
Pixel
[2,0]
Pixel
[3,0]
Pixel
[4,0]
…
:
:
:
:
:
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com