Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ST2204
Ver 0.6
9/24
2008/11/10
8
8.. C
CH
HIIP
P--S
SE
EL
LE
EC
CT
T L
LO
OG
GIIC
C ((C
CS
SL
L))
The ST2204 builds in one chip-select signal ( CS0 ) for
embedded 512K bytes mask ROM and six chip-select signals
multiplexed with PD5~0 of Port-D which are used to select
external devices on the address and data bus. There are two
options for the first 512K bytes memory which are controlled by
MMD pin. Tie MMD to ground to select normal mode and
enable internal ROM for the first 512K bytes memory. Connect
MMD to chip-select of an external device to select emulation
mode and disable internal ROM. After reset cycles, MMD
changes to an output and outputs chip-select signal CS0 .
Refer to FIGURE 8-1 for two connections of different modes.
Two bits CSM[1:0] of port miscellaneous register (PMCR)
select four modes of CSL which define the memory size of
each external chip-select. If CSM0 equals “1”, chip-select
signal CS6 changes to be address signal A23 to make one
single device of 16M bytes at CS5 possible. The address
range of CSx of higher number follows the range of previous
one of lower number.
Note: Write “1” to bit of port direction control
register PCD, then to bit of port
function-select register PFD to activate the
designated chip-select signal.
A. Normal Mode
B. Emulation Mode
FIGURE 8-1 Connections Of MMD/ CS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com