Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ST2204
Ver 0.6
11/24
2008/11/10
1
10
0.. P
PS
SG
G
10.1 Function Description
The built-in dual channel Programmable Sound Generator
(PSG) is controlled by register file directly. Its flexibility makes it
useful in applications such as music synthesis, sound effects
generation, audible alarms and tone signaling. In order to
generate sound effects while allowing the processor to perform
other tasks, the PSG can continue to produce sound after the
initial commands have been given by the CPU. The structure of
PSG was shown in FIGURE 10-2 and the PSG clock source is
shown in FIGURE 10-1. The ST2204 has three PSG playing
type. One for channel0(C0) & channel1(C1) square type tone
sound playing. Second for ch0 square tone sound and ch1
noise sound. The third sound playing type is DAC PCM playing.
R C
O S C X
P S G C[6~4]
IN0
IN1
Output
S e le ct
P S G S e le ctor
P S G CK
P S G C
S YS CK/2
P S G CK
S YS CK/4
S YS CK/8
S YS CK/1 6
S YS CK
O S CX
B6
B5
B4
0
0
0
X
X
0
1
1
1
1
1
1
1
0
1
0
0
0
FIGURE 10-1 PSG Clock Source Control
Enable Output
Enable
LOAD
Output
MUX2
IN0
IN1
OUTPUT
SEL
MUX2
IN0
IN1
OUTPUT
SEL
MUX2
IN0
IN1
OUTPUT
SEL
MIXER
CH1
Output
Vol_CH1
DACE
C1TEN
C1Tone
C1out
DACE
PSGC[2]
C1NEN
C1Noise
PSGC[3]
PSG0
C1out
VOL[1~0]
PSG1
BD
BDB
DACE
To Port B
From DAC Generator
Channel 1 Tone
Channel 1 Noise
Preload Data Before First Count
FIGURE 10-2 PSG Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com