Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 24Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ST2204
Ver 0.6
20/24
2008/11/10
1
18
8.. W
WA
AT
TC
CH
HD
DO
OG
G T
TIIM
ME
ER
R
The watchdog timer (WDT) is an added check that a
program is running and sequencing properly. When the
application software is running, it is responsible for keeping
the 2- or 8-second watchdog timer from timing out. If the
watchdog timer times out, it is an indication that the
software is no longer being executed in the intended
sequence. At this time the watchdog timer generates a
reset signal to the system.
18.1 WDT Operations
The WDT is enabled by setting the WDT enable flag
WDTEN
(MISC[3]). Two time settings, 2 and 8 seconds,
are selectable with selection bit WDTPS (MISC[2]).WDT is
clocked by the 2Hz clock from the base timer and therefore
has 0.5-second resolution. It is recommended that the
watchdog timer be periodically cleared by software once it
is enabled. Otherwise, software reset will be generated
when the timer reached a binary value of 4 or 16.
Note:The WDT can be reset by writing any value
to MISC register.
After a system reset, WDTEN is cleared. Then the
WDT returns to be idle.
1
19
9.. L
LO
OW
W V
VO
OL
LT
TA
AG
GE
E D
DE
ET
TE
EC
CT
TO
OR
R
ST2204 has a built-in low voltage detector for power
management. Two voltage signals can be selected by the
control bit LVDS (MISC[4]). First is the power applied to
ST2204 and the typical detection level is 2.6V. Second is
the signal applied to input pin VIN, and the typical detection
level is 1.25V. When LVDEN (SYS[0]) is set, LVD is
enabled and the detection result will be outputted at the
same bit after 3 µs. Using read instruction twice can get this
result: first read will enable initial stableness control.
Second read equal '0' represents 'low voltage'. Once LVD is
enabled, it keeps on consuming power. So it is important to
write “0” to LVDEN and disable the detector after detection
is completed. FIGURE 19-1 shows an application circuit for
detecting low battery voltage of 2.5V. Note that the DC
current of two external resistors can be cut off by setting
PC0 to open. Also add one capacitor to VIN to minimize
noise and narrow the low voltage detection range.
FIGURE 19-1 Application of LVD
The detection voltage for FIGURE 19-1 is:
25
.
1
*
2
2
1
Rv
Rv
Rv
Voltage
Detection
+
=
Equation22-1
If Rv1=Rv2=100k
Then the detection voltage is 2.5V
2
20
0.. L
LO
OW
W V
VO
OL
LT
TA
AG
GE
E R
RE
ES
SE
ET
T ((L
LV
VR
R))
Power bouncing during power on is a major problem when
designing a reliable system. The ST2204 equips Low
Voltage Reset function to keep whole system in reset status
when power is not stable. Once low voltage status is
detected, an active low pulse will be output from pin
LVR
/ICE1. Connect this output to RESET to perform this
protection. After the power backs to normal, LVR /ICE1 will
output high and the system may recover its original states
and keeps working correctly.
The connection between LVR /ICE1 and RESET can be
fixed internally by the LVR code option. This code option
selects only the internal connection without turning on/off
the LVR circuit or the output of LVR /ICE1. The LVR circuit
always works and it consumes very few current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com