Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST2204 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ST
ST2204
PRELIMINARY
8 BIT Integrated Microcontroller with 512K Bytes ROM
Notice: Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice. This is not a final specification.
Some parameters are subject to change.
Ver 0.6
1
/24
2008/11/10
1
1.. F
FE
EA
AT
TU
UR
RE
ES
S
Totally static 8-bit CPU
ROM: 512K x 8-bit
RAM: 10K x 8-bit
Stack: Up to 128-level deep
Operation voltage: 2.4V ~ 3.6V
Operation frequency:
– 6.0Mhz@2.4V(Min.)
Low Voltage Detector (LVD)
Low Voltage Reset (LVR)
Memory interface to ROM, RAM, Flash
Memory configuration
– Three kinds of bank for program, data and interrupts
– 12-bit bank register supports up to 44M bytes
– 6 programmable chip-selects with 4 modes
– Maximum single device of 16M bytes at CS5
General-Purpose I/O (GPIO) ports
– 48 multiplexed CMOS bidirectional bit programmable
I/Os
– Hardware de-bounce option for Port-A
– Bit programmable pull-up for input pins
– Bit programmable pull-up/down and open-drain/CMOS
for Port-C
Programmable Watchdog Timer (WDT)
Timer/Counter
– Two 8-bit timer, one can be a 16-bit event counter
– One 8-bit Base timer with 5 coexistent interrupt time
settings
Three clocking outputs
– Clock sources including Timer0/1, baud rate generator
11 prioritized interrupts with dedicated exception
vectors
– External interrupt (edge triggered)
– TIMER0 interrupt
– TIMER1 interrupt
– BASE timer interrupt
– PORTA interrupt (transition triggered)
– DAC reload interrupt
– LCD buffer interrupt
– SPI interrupt (x2)
– UART interrupts (x2)
Dual clock sources with warm-up timer
– Low frequency crystal oscillator (OSCX)
··················································· 32768 Hz
– RC oscillator (OSC) ·······························500K ~ 4M Hz
– High frequency crystal/resonator oscillator
(Bonding option)······455K~4M Hz
Direct Memory Access (DMA)
– Block-to-Block transfer
– Block to Single port
LCD Controller (LCDC)
– Software programmable screen size up to 320X240
– Support 1-, 4-bit LCD data bus
– Share system memory with display memory
– Large display area with small internal RAM buffer is
possible to free more internal RAM for temporary access
– Unique internal bus for memory sharing with no loss of
the CPU time
– Diverse functions including virtual screen, panning,
scrolling, contrast control and alternating signal
generator
– Gray level support: Hardware 4 levels/Software 31 levels
Universal Asynchronous Receiver/Transmitter (UART)
– Full-duplex operation
– Baud rate generator with one digital PLL
– Standard baud rates of 600 bps to 115.2 kbps
– Direct glueless support of IrDA physical layer protocol
– Two sets of I/Os (TX,RX) for two independent devices
Serial Peripheral Interface (SPI)
– Master and slave modes
– 5 serial signals including enable and data-ready
– One stage buffer for transmitter and receiver for
continuous data exchange
– Programmable data length from 7-bit to 16-bit
Programmable Sound Generator (PSG)
– Two channels with three playing modes
– Tone/noise generator
– 16-level volume control
– 8-bit PWM DAC for speech/voice
– Two dedicated outputs for directly driving and large
current
Three power down modes
– WAI0 mode
– WAI1 mode
– STP mode


Similar Part No. - ST2204

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST220-100T4KI VISHAY-ST220-100T4KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-100T4MI VISHAY-ST220-100T4MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2KI VISHAY-ST220-50T2KI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST220-50T2MI VISHAY-ST220-50T2MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
ST2200-25T4MI VISHAY-ST2200-25T4MI Datasheet
116Kb / 6P
SuperTan® Wet Tantalum Capacitors With Hermetic Seal
12-May-2022
More results

Similar Description - ST2204

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST2202 ETC-ST2202 Datasheet
1Mb / 65P
8 BIT Integrated Microcontroller with 256K Bytes ROM
logo
ELAN Microelectronics C...
EM78P451S EMC-EM78P451S Datasheet
421Kb / 54P
8-Bit Microcontroller with OTP ROM
EM78P157N EMC-EM78P157N Datasheet
495Kb / 56P
8-Bit Microcontroller with OTP ROM
EM78P154N EMC-EM78P154N Datasheet
487Kb / 46P
8-Bit Microcontroller with OTP ROM
EM78156E EMC-EM78156E Datasheet
420Kb / 48P
8-Bit Microcontroller with MASK ROM
EM78P211 EMC-EM78P211 Datasheet
63Kb / 4P
8-Bit Microcontroller with OTP ROM
logo
Sitronix Technology Co....
ST2202A SITRONIX-ST2202A Datasheet
2Mb / 75P
8 BIT Integrated Microcontroller with 256K Bytes ROM
ST2205U SITRONIX-ST2205U Datasheet
723Kb / 32P
8 BIT Integrated Microcontroller with 32K Bytes RAM
logo
ELAN Microelectronics C...
EM78P372N EMC-EM78P372N Datasheet
3Mb / 126P
8-Bit Microcontroller with OTP ROM
logo
List of Unclassifed Man...
EM78P152S ETC1-EM78P152S Datasheet
661Kb / 52P
8-Bit Microcontroller with OTP ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com