Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 24Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ST2204
Ver 0.6
22/24
2008/11/10
2
22
2.. R
RO
OM
M C
CO
OD
DE
E C
CH
HE
EC
CK
KL
LIIS
ST
T
ST2204-
□□□□
8-Bit Microcontroller With 512K Bytes ROM
OSCILLATOR
□32768 Hz Crystal (□Switch to normal load after 1.5 second)
□R-OSC
MHz (Resistor =
KΩ)
□Resonator
□Crystal
MHz
□2.4V ~ 3.6V □3.0V ± 10%
□3.3V ± 10%
□Other Range
~
V
OPERATING
VOLTAGE
Note: Maximum operating frequency = 6.0 Mhz@2.4V
BATTERY
□CR20
x
□AAx
□AAAx
□
POWER DOWN
MODES
□WAI-0
□WAI-1
LOW VOLTAGE
DETECTOR
□Enabled □Disabled
UART
□Enabled, Baud Rate:
bps □Disabled
SPI
□Enabled, Bit Rate:
bps □Disabled
Resolution:
x
Duty: 1/
Bias: 1/
VLCD:
V
Frame Rate:
Hz
Alternation: Every □Frame □
Lines
Driver: □ST8012x
□ST2101Cx
□ST25
x
□
LCD
SPECIFICATIONS
Note: The optimal bias is:
1
Duty
Bias
+
=
LCD
Gray-level
□Black and White □4 Gray-level
Data sheet
ST2204 user’s manual Ver
CODE FILE:
.BIN
DATE(Y/M/D): 20
/
/
CHECK SUM:
□□□□H (Byte Mode)
Note:
a. File format must be binary and the extension should be “.BIN”.
b. File should be wrapped in ZIP format for transferring or e-mailing.
c. Only single file is allowed.
d. File length is 512K bytes.
e. Functions should be checked on the emulation board or by real chip.
f. Electric characteristics of the emulation board are not identical with those of the real chip.
CUSTOMER
COMPANY
SIGNATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com