Electronic Components Datasheet Search
  English  ▼

X  

ST2204 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST2204
Description  8 BIT Integrated Microcontroller with 512K Bytes ROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST2204 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST2204 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST2204 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ST2204
Ver 0.6
16/24
2008/11/10
1
13
3.. S
SE
ER
RIIA
AL
L P
PE
ER
RIIP
PH
HE
ER
RA
AL
L IIN
NT
TE
ER
RF
FA
AC
CE
E
The ST2204 contains one serial peripheral interface (SPI)
module to interface with external devices, such as Flash
memory, analog-to-digital converter, and other peripherals,
including another ST2204. The SPI consists of a master- or
slave-configurable interface so that connections of both
master and slave devices are allowable. Five signals
multiplexed with Port-C are used by SPI. With equipped
DATA_READY and SS (slave-select) control signals and
transmit/receive buffers, faster data exchange with fewer
software interrupts is easy to be made. Data length is
widely supported from 7-bit up to 16-bit to satisfy various
applications. One clock generator is provided for the
synchronous communication clock SCK, which is sourced
from OSCK. FIGURE 13-1 illustrates the block diagram of
SPI.
CPU Interface
Clock
Generator
16-bit Shift Register
(MSB First)
16-bit Transmit
Buffer
16-bit Receive
Buffer
MOSI
MISO
Interface
Control
SCK
OSCK
DATA_READY
SPICK
SS
FIGURE 13-1 SPI Block Diagram
13.1 SPI Operations
The SPI contains one 16-bit shift register and two 16-bit
buffers for transmission and receiving respectively. Data
with variable length from 7-bit to 16-bit can be exchanged
with external devices through two data lines. Data length is
controlled by bit count register BC[3:0] (bit3~0 of SPI clock
control register SCKR). The current exchange will be over
while the exchanged bit number reaches bit count setting.
The synchronous communication clock SCK is used to
synchronize two devices and transfer data in and out of the
shift register. Data is clocked by SCK with a programmable
data rate, which is assigned by SCK[2:0] (bit6~4 of SPI
clock control register SCKR).
The SPI block is controlled by SPIEN (SCTR[7]). Setting
SPIEN
will enable SPI function and the clock divider. Then
the internal states of SPI will be reset to initial values. After
that, write data to SDATAL will initiate an exchange. While
exchanging, the busy flag will be set and is reported in SBZ
(bit 4 of SPI status register SSR).
A slave select signal SS (multiplexed with PC4) is used to
identify individual selection of a slave SPI device. Slave
devices that are not selected do not interfere with SPI bus
activities. For a master SPI device, SS can be used to
indicate a multiple-master bus contention which can be
reported in mode fault bit MDERR (bit3 of SPI status
register SSR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com