Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  4155C Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Agilent 41501B SMU and Pulse Generator Expander
HPSMU (High Power SMU) Specifications
Voltage Range, Resolution, and Accuracy (HPSMU)
Voltage
Range
Set.
Reso.
Set. Accuracy
Meas.
Reso.
Meas. Accuracy
Max.
Current
±2 V
100 μV ±(0.03%+900 μV)
2 μV
±(0.02%+700 μV)
1 A
±20 V
1 mV
±(0.03%+4 mV)
20 μV
±(0.02%+2 mV)
1 A
±40 V
2 mV
±(0.03%+7 mV)
40 μV
±(0.02%+3 mV)
500 mA
±100 V
5 mV
±(0.04%+15 mV)
100 μV
±(0.03%+5 mV)
125 mA
±200 V
10mV
±(0.045%+30 mV)
200 μV
±(0.035%+10 mV)
50 mA
Current Range, Resolution, and Accuracy (HPSMU)
Current
Range
Set.
Reso.
Set.Accuracy
Meas.
Reso.
Meas. Accuracy
Max. V
±1 nA
100 fA
±(0.5%+3 pA+2 fA×Vout)
10 fA
±(0.5%+3 pA+2 fA×Vout)
200 V
±10 nA
1 pA
±(0.5%+7 pA+20 fA×Vout)
10 fA
±(0.5%+5 pA+20 fA×Vout)
200 V
±100 nA 10 pA
±(0.12%+50 pA+200 fA×Vout) 100 fA
±(0.1%+30 pA+200 fA×Vout)
200 V
±1 μA
100 pA ±(0.12%+400 pA+2 pA×Vout)
1 pA
±(0.1%+200 pA+2 pA×Vout)
200 V
±10 μA
1 nA
±(0.12%+5 nA+20 pA×Vout)
10 pA
±(0.1%+3 nA+20 pA×Vout)
200 V
±100 μA 10 nA
±(0.12%+40 nA+200 pA×Vout) 100 pA
±(0.1%+20 nA+200 pA×Vout
200 V
±1 mA
100 nA ±(0.12%+500 nA+2 nA×Vout)
1 nA
±(0.1%+300 nA+2 nA×Vout)
200 V
±10 mA
1 μA
±(0.12%+4 μA+20 nA×Vout)
10 nA
±(0.1%+2 μA+20 nA×Vout)
200 V
±100 mA 10 μA
±(0.12%+50 μA+200 nA×Vout) 100 nA
±(0.1%+30 μA+200 nA×Vout)
1
±1 A
100 μA ±(0.5%+500 μA+2 μA×Vout)
1 μA
±(0.5%+300 μA+2 μA×Vout)
2
1 200 V (Iout ≤50 mA), 100 V (50 mA<Iout≤100 mA)
2 200 V (Iout ≤50 mA), 100 V (50 mA<Iout≤125 mA), 40 V (125 mA<Iout≤500 mA), 20 V (500 mA<Iout≤1 mA)
Vout is the output voltage in volts. Iout is the output current in amps. For example, accuracy specifications
are given as ±% of set/measured value (0.1%) plus offset value (30 pA+200 fA×Vout) for the 100 nA range.
The offset value consists of a fixed part determined by the set/measurement range and a proportional part
that is multiplied by Vout.
Output Terminal/Connection:
Dual triaxial connectors, Kelvin (remote
sensing)
Voltage/Current Compliance
(Limiting):
Voltage: 0 V to ±200 V
Current: ±1 pA to ±1 A
Compliance Accuracy: Same as the current
(voltage) settling accuracy.
HPSMU Supplemental Information:
Maximum allowable cable resistance when
using Kelvin connection:
Force: 0.7 Ω (100 mA to 1 A)
Force: 10 Ω (≤100 mA)
Sense: 10 Ω
Typical voltage source output resistance
(Force line/non-Kelvin connection): 0.2 Ω
Voltage measurement input resistance/
current source output resistance:
≥1013 Ω (1 nA range)
Current compliance setting accuracy for
opposite polarity:
1 nA to 10 nA range: V/I setting
accuracy ±12% of range
100 nA to 1 A range: V/I setting
accuracy ±2.5% of range
1000
500
50
125
-50
-125
-500
-1000
-200
-100
-40
-20
20
40
100
200
Current (mA)
Voltage (V)
HPSMU measurement
and output range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com