Electronic Components Datasheet Search
  English  ▼

X  

4155C Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # 4155C
Description  Parameter Analyzer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

4155C Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  4155C Datasheet HTML 1Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 2Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 3Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 4Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 4155C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Agilent 4156C Semiconductor Parameter Analyzer
MPSMU (Medium Power SMU) Specifications
Voltage Range, Resolution, and Accuracy (MPSMU)
Voltage
Range
Set
Reso.
Set Accuracy
Meas.
Reso.
Meas. Accuracy
Max.
Current
±2 V
100 μV ±(0.03%+900 μV+0.3×Iout)
2 μV
±(0.02%+700 μV+0.3×Iout)
100 mA
±20 V
1 mV
±(0.03%+4 mV+0.3×Iout)
20 μV
±(0.02%+2 mV+0.3×Iout)
100 mA
±40 V
2 mV
±(0.03%+7 mV+0.3×Iout)
40 μV
±(0.02%+3 mV+0.3×Iout)
1
±100 V
5 mV
±(0.04%+15 mV+0.3×Iout)
100 μV
±(0.03%+5 mV+0.3×Iout)
2
1 100 mA (Vout ≤20 V), 50 mA (20 V<Vout ≤40 V)
2 100 mA (Vout ≤20 V), 50 mA (20 V<Vout ≤40 V), 20 mA (40 V<Vout≤100 V)
Current Range, Resolution, and Accuracy (MPSMU)
Current
Range
Set
Reso.
Set Accuracy
Meas.
Reso.
Meas. Accuracy
Max. V
±1 nA
100 fA
±(0.5%+3 pA+2 fA×Vout)
10 fA
±(0.5%+3 pA+2 fA×Vout)
100 V
±10 nA
1 pA
±(0.5%+7 pA+20 fA×Vout)
10 fA
±(0.5%+5 pA+20 fA×Vout)
100 V
±100 nA 10 pA
±(0.12%+50 pA+200 fA×Vout) 100 fA
±(0.1%+30 pA+200 fA×Vout)
100 V
±1 μA
100 pA ±(0.12%+400 pA+2 pA×Vout)
1 pA
±(0.1%+200 pA+2 pA×Vout)
100 V
±10 μA
1 nA
±(0.12%+5 nA+20 pA×Vout)
10 pA
±(0.1%+3 nA+20 pA×Vout)
100 V
±100 μA 10 nA
±(0.12%+40 nA+200 pA×Vout) 100 pA
±(0.1%+20 nA+200 pA×Vout
100 V
±1 mA
100 nA ±(0.12%+500 nA+2 nA×Vout)
1 nA
±(0.1%+300 nA+2 nA×Vout)
100 V
±10 mA
1 μA
±(0.12%+4 μA+20 nA×Vout)
10 nA
±(0.1%+2 μA+20 nA×Vout)
100 V
±100 mA 10 μA
±(0.12%+50 μA+200 nA×Vout) 100 nA
±(0.1%+30 μA+200 nA×Vout)
1
1 100 V (Iout ≤20 V), 40 V (20 mA<Iout≤50 mA), 20 V (50 mA<Iout≤100 mA)
Vout is the output voltage in volts. Iout is the output current in amps.
For example, accuracy specifications are given as ±% of set/measured
value (0.1%) plus offset value (30 pA+200 fA×Vout) for the 100 nA range.
The offset value consists of a fixed part determined by the set/
measurement range and a proportional part that is multiplied by Vout.
Output Terminal/Connection:
Single triaxial connector, non-Kelvin
(no remote sensing)
Voltage/Current Compliance
(Limiting):
The SMU can limit output voltage or
current to prevent damaging the device
under test.
Voltage: 0 V to ±100 V
Current: ±1 pA to ±100 mA
Compliance Accuracy: Same as the current
(voltage) settling accuracy.
MPSMU Supplemental Information:
Typical voltage source output
resistance: 0.3 Ω
Voltage measurement input
resistance/current source output resis-
tance: ≥1013 Ω (1 nA range)
Current compliance setting accuracy for
opposite polarity:
1 nA to 10 nA range: V/I setting accuracy
±12% of range
100 nA to 100 mA range: V/I setting
accuracy ±2.5% of range
100
50
20
-20
-50
-100
-100
-40 -20
20 40
100
Current (mA)
Voltage (V)
MPSMU measurement
and output range
VSU (Voltage Source Unit)
Specifications
VSU Output Range:
Voltage
Range
Meas.
Reso.
Meas. Accuracy
±20 V
1 mV
±(0.05% of setting +10 mV)1
1 Specification is applicable under no load current.
Max. Output Current: 100mA
VSU Supplemental Information:
Output resistance: 0.2 Ω (typical)
Maximum load capacitance: 10 μF
Maximum slew rate: 0.2 V/μs
Current limit: 120 mA (typical)
Output Noise: 1 mV rms (typical)
VMU (Voltage Monitor Unit)
Specifications
VMU Differential Mode Range,
Resolution, and Accuracy:
Diff V
Range
Meas.
Reso.
Meas.
Accuracy
±0.2 V
0.2 μV
±(0.03%+10 μV+0.3 μV×Vi)
±2 V
2 μV
±(0.02%+100 μV+3 μV×Vi)
Max. Common Mode Voltage: ± 20 V
Note: Vi is the input voltage of VMU2 in volts.
For example, accuracy specifications are given as ±%
of set/measured value (0.02%) plus offset value (100
μV+3 μV×Vi) for the 2 V range. The differential mode
offset value consists of a fixed part determined by the
measurement range and a proportional part that is
multiplied by Vi.
VMU Measurement Range,
Resolution, and Accuracy:
Voltage
Range
Meas.
Reso.
Meas.
Accuracy
±2 V
2 μV
±(0.02%+200 μV)
±20 V
20 μV
±(0.02%+1 mV)
VMU Supplemental Information:
Input Impedance: ≥1 GΩ
Input leakage current (@0 V): ≤500 pA
Measurement noise: 0.01% of range (p-p)
(typical) when integration time is 10 PLC
Differential mode measurement noise:
0.005% of range (p-p) (typical) when
integration time is short.
VSU and VMU specifications are common to both the 4155C and 4156C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com